Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS543B25E Datasheet (PDF) - Texas Instruments

TPS543B25E Datasheet PDF - Texas Instruments
Part # TPS543B25E
Download  TPS543B25E Download
File Size   1983.28 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS543B25E 4V to 18V Input, 25A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control

TPS543B25E Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS543B25E Datasheet PDF - Texas Instruments

Part # TPS543B25E
Download  TPS543B25E Click to download

File Size   1983.28 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS543B25E 4V to 18V Input, 25A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control

TPS543B25E Datasheet (HTML) - Texas Instruments


TPS543B25E Product details

1 Features
• Fixed-frequency, internally-compensated,
advanced current mode (ACM) control
• Integrated 6.5mΩ and 2mΩ MOSFETs
• 4V to 18V input voltage range
• 0.5V to 7V output voltage range
• True differential remote sense amplifier (RSA)
• Three selectable PWM ramp options to optimize
the control loop performance
• Five selectable switching frequencies: 500kHz,
750kHz, 1MHz, 1.5MHz, and 2.2MHz
• Synchronizable to an external clock
• 0.5V, ±0.5% voltage reference accuracy over full
temperature range
• 1ms, 2ms, 4ms, and 8ms selectable soft-start
times
• Monotonic start-up into prebiased outputs
• Selectable current limits to support 25A and 20A
operation
• Enable with adjustable input undervoltage lockout
• Power-good output monitor
• Output overvoltage, output undervoltage, input
undervoltage, overcurrent, and overtemperature
protection
• –55°C to 150°C operating junction temperature
• 2.5mm × 4.5mm, 17-pin WQFN-FCRLF package
with 0.5mm pitch
• Lead-free (RoHS compliant)
• Pin compatible with the 20A - TPS543B22, 16A -
TPS543A26, and 12A - TPS543A22
• SIMPLIS models available
• Create a custom design using the TPS543B25E
with the WEBENCH® Power Designer

2 Applications
• Avionics
• Electronic warfare
• Software defined radio
• Seeker front end

3 Description
The TPS543B25E is a high-efficiency, 18V, 25A,
synchronous buck converter. The device employs
an internally compensated, fixed-frequency, ACM
control architecture, which while always operating
under forced continuous conduction mode (FCCM),
generates output voltages from 0.5V to 7V. The
device is capable of providing high efficiency while
operating at a switching frequency up to 2.2MHz,
making the device an excellent choice for designs
requiring a small design size. The fixed frequency
controller can operate from 500kHz to 2.2MHz
and can be synchronized to an external clock
using the SYNC pin. Additional features include a
high accuracy voltage reference, two-wire remote
sense, selectable soft-start times, monotonic startup
into prebiased outputs, selectable current limits,
adjustable undervoltage lockout (UVLO) through the
EN pin, and a full suite of fault protections.
The TPS543B25E is available in a small, 2.5mm ×
4.5mm, HotRod™ WQFN-FCRLF package.




Similar Part No. - TPS543B25E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25RYSR TI-TPS543B25RYSR Datasheet
1Mb / 43P
TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPS543B25T TI1-TPS543B25T Datasheet
2Mb / 43P
TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
TPS543B25T TI1-TPS543B25T Datasheet
1Mb / 44P
TPS543B25T 4V to 18V Input, 25A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2024
More results


Similar Description - TPS543B25E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54426RSAR TI-TPS54426RSAR Datasheet
1Mb / 28P
4.5V to 18V Input, 4-A Synchronous Step-Down SWIFT Converter with Eco-Mode
TPS543620 TI-TPS543620 Datasheet
2Mb / 39P
TPS543620 4-V to 18-V Input, 6-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543320 TI-TPS543320 Datasheet
3Mb / 43P
TPS543320 4-V to 18-V Input, 3-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820 TI-TPS543820 Datasheet
2Mb / 45P
TPS543820 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543820E TI-TPS543820E Datasheet
2Mb / 43P
TPS543820E 4-V to 18-V Input, 8-A Synchronous SWIFT??Step-Down Converter with Internally Compensated Advanced Current Mode Control
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543A26 TI-TPS543A26 Datasheet
1Mb / 40P
TPS543A26 4-V to 18-V Input, 16-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
DECEMBER 2022
TPS543A22 TI-TPS543A22 Datasheet
1Mb / 43P
TPS543A22 4-V to 18-V Input, 12-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com