Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60502008GSNO Datasheet (PDF) - Elma Electronic Ltd

60502008GSNO Datasheet PDF - Elma Electronic Ltd
Part # 60502008GSNO
Download  60502008GSNO Download
File Size   911.27 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI® Storage

60502008GSNO Datasheet (PDF)

Go To PDF Page Download Datasheet
60502008GSNO Datasheet PDF - Elma Electronic Ltd

Part # 60502008GSNO
Download  60502008GSNO Click to download

File Size   911.27 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI® Storage

60502008GSNO Datasheet (HTML) - Elma Electronic Ltd


60502008GSNO Product details

Features
• Two available configurations:
o Three 2.5in drives in a single 6U slot
o One single 2.5in drive plus DVD
• Rotating or solid-state SATA drives
o Solid-state flash drives with SLC or MLC flash technology
• More than 1.8TB of SSD (solid-state drive) storage in a single blade*
• More than 3TB of rotating storage in a single blade*
• Front panel SATA ports or rear SATA ports via RTM or breakout board (BOB)
• Up to 300MB/sec individual drive data rates (configuration dependent)
• Multi-slot expansion capability for multi-terabyte array options
• Suited for high shock and vibration applications*
• Extended temperature versions -40° C to +85° C*




Similar Part No. - 60502008GSNO

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
60502-C MOLEX11-60502-C Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends, 300V, 2 Circuits
60502-C-50 MOLEX11-60502-C-50 Datasheet
41Kb / 2P
6.35mm Pitch Beau PCB Tri-Barrier Terminal Strip, without Mounting Ends
logo
SICK AG
6050281 SICK-6050281 Datasheet
292Kb / 6P
NON-CONTACT SAFETY SWITCHES
6050293 SICK-6050293 Datasheet
808Kb / 6P
PRESSURE SENSORS
2016-08-17
More results


Similar Description - 60502008GSNO

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI420DC CANDD-CPCI420DC Datasheet
360Kb / 4P
420 Watt, 6U x 8HP, CompactPCI
logo
Advantech Co., Ltd.
MIC-3392L ADVANTECH-MIC-3392L Datasheet
262Kb / 2P
6U CompactPCI Intel짰 Celeron짰 M Processor Blade
logo
List of Unclassifed Man...
CPCI-9116 ETC2-CPCI-9116 Datasheet
213Kb / 1P
3U/6U Eurocard form factor, CompactPCI compliant
logo
Adlink Technology Inc.
CPCI-6S10 ADLINK-CPCI-6S10 Datasheet
261Kb / 2P
6U CompactPCI 10 Gigabit Ethernet Switch Blade
logo
Advantech Co., Ltd.
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com