Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M2TAFN-G-JAE2 Datasheet (PDF) - RAMXEED LIMITED

MB85R8M2TAFN-G-JAE2 Datasheet PDF - RAMXEED LIMITED
Part # MB85R8M2TAFN-G-JAE2
Download  MB85R8M2TAFN-G-JAE2 Download
File Size   1390.08 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8 M (512 K × 16) Bit

MB85R8M2TAFN-G-JAE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R8M2TAFN-G-JAE2 Datasheet PDF - RAMXEED LIMITED

Part # MB85R8M2TAFN-G-JAE2
Download  MB85R8M2TAFN-G-JAE2 Click to download

File Size   1390.08 Kbytes
Page   30 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8 M (512 K × 16) Bit

MB85R8M2TAFN-G-JAE2 Datasheet (HTML) - RAMXEED LIMITED


MB85R8M2TAFN-G-JAE2 Product details

DESCRIPTIONS
The MB85R8M2TA is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 524,288 words × 16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS process technologies.
The MB85R8M2TA is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R8M2TA can be used for 1014 read/write operations, which is a significant improvement over the number of read and write operations supported by Flash memory and E2PROM. The MB85R8M2TA uses a pseudo-SRAM interface

 FEATURES
• Bit configuration : 524,288 words × 16 bits
• Read/write endurance : 1014 times ( + 85 °C)
• Data retention : 10 years ( + 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 1.8 V to 3.6 V
• Low power operation : Operating power supply current 18 mA (Max)
Standby current 150 μA (Max)
Sleep current 10 μA (Max)
• Operation ambient temperature range : − 40 °C to + 85 °C
• Package : 48-pin plastic FBGA
44-pin plastic TSOP
RoHS compliant




Similar Part No. - MB85R8M2TAFN-G-JAE2

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85R8M2T RAMXEED-MB85R8M2T Datasheet
3Mb / 25P
8M (512K X 16) Bit
MB85R8M2TPBS-M-JAE1 RAMXEED-MB85R8M2TPBS-M-JAE1 Datasheet
3Mb / 25P
8M (512K X 16) Bit
More results


Similar Description - MB85R8M2TAFN-G-JAE2

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM658512A HITACHI-HM658512A Datasheet
105Kb / 22P
4 M PSRAM (512-kword x 8-bit) 2 k Refresh
logo
fujitsu semiconductor
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
8M (1M x 8/512 K x 16) BIT
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY62157ESL CYPRESS-CY62157ESL_13 Datasheet
311Kb / 17P
8-Mbit (512 K x 16) Static RAM
logo
fujitsu semiconductor
MB85R4001A FUJITSU-MB85R4001A Datasheet
313Kb / 24P
4 M ?볝긿??(512 K 횞 8)
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
4 K (512 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com