Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85R8M2T Datasheet (PDF) - RAMXEED LIMITED

MB85R8M2T Datasheet PDF - RAMXEED LIMITED
Part # MB85R8M2T
Download  MB85R8M2T Download
File Size   3698.61 Kbytes
Page   25 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8M (512K X 16) Bit

MB85R8M2T Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85R8M2T Datasheet PDF - RAMXEED LIMITED

Part # MB85R8M2T
Download  MB85R8M2T Click to download

File Size   3698.61 Kbytes
Page   25 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 8M (512K X 16) Bit

MB85R8M2T Datasheet (HTML) - RAMXEED LIMITED


MB85R8M2T Product details

DESCRIPTIONS
‘The MBSSRSM2T is an FRAM (Ferroelectric Random Access Memory) chip consisting of 524,288 words
16 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS process
technologies. The MBSSRSMX2T is able to retain data without using a back-up battery, as is needed for SRAM The memory cells used in the MBSSREM2T can be used for 101 read/write operations, which is a significant improvement over the number of read and write operations supported by Flash memory and E2PROM. The MBSSREM2T uses a pseudo-SRAM interface.

FEATURES
Bit configuration 524,285 words * 16 bits
Read/write endurance +10° times / 16 bits
Data retention +10 years (+ 85 °C), 95 years (+55 °C), over 200 years (+35 °C)
Operating power supply voliage ~~: 1.8 V103.6V
Low power operation + Operating power supply current 20 mA (Max)
Standby current 300 iA (Max)
Sleep current 40 pA (Max)
Operation ambient temperature range : -40 °C to + 85 °C
Package
48-pin plastic FBGA (BGA-4SP-M24)
RoHS compliant




Similar Part No. - MB85R8M2T

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85R8M2TA RAMXEED-MB85R8M2TA Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
MB85R8M2TABGL-G-JAE1 RAMXEED-MB85R8M2TABGL-G-JAE1 Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
MB85R8M2TAFN-G-JAE2 RAMXEED-MB85R8M2TAFN-G-JAE2 Datasheet
1Mb / 30P
8 M (512 K × 16) Bit
More results


Similar Description - MB85R8M2T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF80V13 SHARP-LHF80V13 Datasheet
2Mb / 42P
Flash Memory 8M (1M 횞8/512K x 16)
logo
fujitsu semiconductor
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
8M (1M X 8/512K X 16) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
8M (1M X 8/512K X 16) BIT
logo
Cypress Semiconductor
CY62157DV18 CYPRESS-CY62157DV18 Datasheet
160Kb / 10P
8M (512K x 16) Static RAM
logo
fujitsu semiconductor
MBM29QM12DH FUJITSU-MBM29QM12DH Datasheet
1Mb / 78P
128M (8M X 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
Cypress Semiconductor
CY62157DV20 CYPRESS-CY62157DV20 Datasheet
173Kb / 10P
8M (512K x 16) Static RAM
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com