Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD42-1270 Datasheet (PDF) - TRINAMIC Motion Control GmbH & Co. KG.

PD42-1270 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.
Part # PD42-1270
Download  PD42-1270 Download
File Size   1513.1 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD42-1270 Hardware Manual

PD42-1270 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD42-1270 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD42-1270
Download  PD42-1270 Click to download

File Size   1513.1 Kbytes
Page   24 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD42-1270 Hardware Manual

PD42-1270 Datasheet (HTML) - TRINAMIC Motion Control GmbH & Co. KG.


PD42-1270 Product details

Features
• PANdrive™ smart motor
• Supply Voltag +6 to +24V DC
• CAN bus interface
• TMCL or CANopen protocol
• Integrated sixPoint™ ramp motion
controller
• stealthChop™ silent PWM mode
• spreadCycle™ smart mixed decay
• stallGuard2™ load detection
• coolStep™ autom. current scaling
Applications
• Lab-Automation
• Manufacturing
• Robotics
• Factory Automation
• CNC
• Laboratory Automation

1 Features
The PANdrive™ PD42-1270 is a full mechatronic solution with state of the art feature set. It is highly
integrated and offers convenient handling via CAN interface. The PD42-1270 includes a stepper motor,
driver electronics, and a fully featured hardware motion controller. It can be used in many decentralized
applications and has been designed for 0.20...0.47 Nm maximum holding torque and 24V DC nominal
supply voltage. With stealthChop™, the PD42-1270 offers absolutely silent and smooth motor operation
for lower and medium velocities. With spreadCycle™, the PD42-1270 offers a high performance current
controlled chopper mode for highest velocities with perfect zero crossing performance. With stallGuard2™,
a sensorless load detection feature is provided for automatic end step detection and load monitoring.
stallGuard2 is also used for the automatic current scaling feature coolStep™. The PD42-1270 comes with a
CAN bus interface and four (4) digital IOs.
1.1 General Features
Main Characteristics
• Supply Voltage +24V nom. (+6V to +28V DC)
• 1.0A RMS phase current (ca. 1.4A peak phase current)
• Highest micro step resolution, up to 256 micro steps per full step
• Available with enclosure and mounted to NEMA17 / 42mm 2ange size motor
• Permanent onboard parameter storage
• Advanced sixPoint™ ramp hardware motion controller
• Noiseless stealthChop™ chopper mode for slow to medium velocities
• High performance spreadCycle™ chopper mode
• High-precision sensorless load measurement with stallGuard2™
• Automatic current scaling algorithm coolStep™ to save energy and keep your drive cool
I/Os
• Home and reference switch inputs
• Enable input to power-on/-off driver H-bridges
• Optionally con1gurable analog input
• Optionally con1gurable incremental encoder inputs (quadrature channels A and B only, no N channel)
CAN Bus Interface
• Standard CAN Bus Interface for control and con1guration
• CAN bit rate of 20. . . 1000kBit/s
• TMCL-based protocol with TMCL 1rmware option
• CANopen protocol with DS402 device pro1le with CANopen 1rmware option




Similar Part No. - PD42-1270

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD42-1-1070 TRINAMIC-PD42-1-1070 Datasheet
2Mb / 25P
PD42-1070 Hardware Manual
V1.00 2018-July-03
PD42-1-1140 TRINAMIC-PD42-1-1140 Datasheet
396Kb / 1P
Stepper Motor with Controller
PD42-1-1140-CANOPEN TRINAMIC-PD42-1-1140-CANOPEN Datasheet
396Kb / 1P
Stepper Motor with Controller
PD42-1-1140-TMCL TRINAMIC-PD42-1-1140-TMCL Datasheet
396Kb / 1P
Stepper Motor with Controller
PD42-1-1141 TRINAMIC-PD42-1-1141 Datasheet
393Kb / 1P
Stepper Motor with Controller
More results


Similar Description - PD42-1270

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
Manual Gives a Hardware Description
logo
fujitsu semiconductor
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
16-BIT MICROCONTROLLER HARDWARE MANUAL
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
H83644 HITACHI-H83644 Datasheet
1Mb / 508P
H8/3644 Series Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com