Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet (PDF) - Texas Instruments

BQ25713 Datasheet PDF - Texas Instruments
Part # BQ25713
Download  BQ25713 Download
File Size   3005.6 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25713 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25713 Datasheet PDF - Texas Instruments

Part # BQ25713
Download  BQ25713 Click to download

File Size   3005.6 Kbytes
Page   94 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25713 Datasheet (HTML) - Texas Instruments


BQ25713 Product details

1 Features
• Pin-to-pin and software compatible to BQ25703A
• Charge 1s to 4s battery from wide range of input
source
– 3.5-V to 24-V Input operating voltage
– Supports USB2.0, USB 3.0, USB 3.1 (Type
C), and USB Power Delivery (USB-PD) input
current settings
– Seamless transition among buck, buck-boost
and boost operations
– Input current and voltage regulation (IDPM and
VDPM) against source overload
• Power/current monitor for CPU throttling
– Comprehensive PROCHOT profile, IMVP8/
IMVP9 compliant
– Input and battery current monitor
– System power monitor, IMVP8/IMVP9
compliant
• Narrow voltage DC (NVDC) power path
management
– Instant-on with no battery or depleted battery
– Battery supplements system when adapter is
fully-loaded
– Battery MOSFET ideal diode operation in
supplement mode
• Power up USB port from battery (USB OTG)
– 3-V to 20.8-V VOTG With 8-mV resolution
– Output current limit up to 6.4 A with 50-mA
resolution
• TI patented Pass Through Mode (PTM) for system
power efficiency improvement and battery fast
charging
• When system is powered by battery only, Vmin
Active Protection (VAP) mode supplements battery
from input capacitors during system peak power
spike
• Input Current Optimizer (ICO) to extract max input
power
• 800-kHz or 1.2-MHz Programmable switching
frequency for 2.2-μH or 1.0-μH inductor
• Host control interface for flexible system
configuration
– I2C Port optimal system performance and
status reporting
– Hardware pin to set input current limit without
EC control
• Integrated ADC to monitor voltage, current and
power
• High accuracy for the regulation and monitor
– ±0.5% Charge voltage regulation
– ±2% Input/charge current regulation
– ±2% Input/charge current monitor
– ±4% Power monitor
• Safety
– Thermal shutdown
– Input, system, battery overvoltage protection
– Input, MOSFET, inductor overcurrent protection
• Safety-Related Certifications:
– IEC 62368-1 CB Certification
• Low battery quiescent current
• Package: 32-Pin 4 × 4 WQFN

2 Applications
• Drones, Bluetooth speakers, IP cameras,
detachable, tablet PCs and power bank
• Industrial and medical equipment
• Portable equipment with rechargeable batteries

3 Description
This device is a synchronous NVDC buck-boost
battery charge controller, offering a low component
count, high efficiency solution for space constrained,
1s-4s battery charging applications.




Similar Part No. - BQ25713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
2Mb / 144P
BQ25773 40V, I2C, 2- to 5-Cell, Narrow VDC Quasi Dual Phase Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
SEPTEMBER 2024
BQ25713 TI2-BQ25713 Datasheet
3Mb / 111P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
REVISED JANUARY 2024
BQ25713 TI2-BQ25713 Datasheet
3Mb / 111P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
REVISED JANUARY 2024
More results


Similar Description - BQ25713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com