Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 4Page - Texas Instruments BQ25713 Datasheet HTML 5Page - Texas Instruments BQ25713 Datasheet HTML 6Page - Texas Instruments BQ25713 Datasheet HTML 7Page - Texas Instruments BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
Table 7-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SDA
12
I/O
I2C open-drain data I/O. Connect to data line from the host controller or smart battery.
Connect a 10-kΩ pullup resistor according to I2C specifications.
SRN
19
PWR
Charge current sense resistor negative input. SRN pin is for battery voltage sensing as well.
Connect SRN pin with optional 0.1-μF ceramic capacitor to GND for common-mode filtering.
Connect a 0.1-μF ceramic capacitor from SRP to SRN to provide differential mode filtering.
The leakage current on SRP and SRN are matched.
SRP
20
PWR
Charge current sense resistor positive input. Connect SRP pin with optional 0.1-uF ceramic
capacitor to GND for common-mode filtering. Connect a 0.1-μF ceramic capacitor from SRP
to SRN to provide differential mode filtering. The leakage current on SRP and SRN are
matched.
SW1
32
PWR
Buck mode high side power MOSFET driver source. Connect to the source of the high side
n-channel MOSFET.
SW2
23
PWR
Boost mode high side power MOSFET driver source. Connect to the source of the high side
n-channel MOSFET.
VBUS
1
PWR
Charger input voltage. An input low pass filter of 1Ω and 0.47 µF (minimum) is
recommended.
VDDA
7
PWR
Internal reference bias pin. Connect a 10-Ω resistor from REGN to VDDA and a 1-μF
ceramic capacitor from VDDA to power ground.
VSYS
22
PWR
Charger system voltage sensing. The system voltage regulation limit is programmed in
REG0x05/04() and REG0X0D/0C().
Thermal pad
–
–
Exposed pad beneath the IC. Always solder thermal pad to the board, and have vias on
the thermal pad plane connecting to power ground planes. It serves as a thermal pad to
dissipate the heat.
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com