Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 12 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 94 page
background image
8.5 Electrical Characteristics (continued)
over TJ = -40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
ILEAK_SRP_SRN
SRP, SRN leakage current
mismatch (0°C to 85°C)
–12
10
µA
INPUT CURRENT REGULATION
VIREG_DPM_RNG
Input current regulation
differential voltage range
VIREG_DPM = VACP – VACN
0.5
64
mV
IDPM_REG_ACC
Input current regulation accuracy
(-40°C to 105°C) with 10-mΩ
ACP/ACN series resistor
REG0x0F/0E() = 0x5000H
3800
3900
4000
mA
REG0x0F/0E() = 0x3C00H
2800
2900
3000
mA
REG0x0F/0E() = 0x1E00H
1300
1400
1500
mA
REG0x0F/0E() = 0x0A00H
300
400
500
mA
ILEAK_ACP_ACN
ACP, ACN leakage current
mismatch (-40°C to 105°C)
–16
10
µA
VIREG_DPM_RNG_ILIM
Voltage range for input current
regulation (ILIM_HIZ Pin)
1.15
4
V
IDPM_REG_ACC_ILIM
Input Current Regulation
Accuracy on ILIM_HIZ pin
VILIM_HIZ = 1 V + 40 × IDPM
× RAC, with 10-mΩ ACP/ACN
series resistor
VILIM_HIZ = 2.6 V
3800
4000
4200
mA
VILIM_HIZ = 2.2 V
2800
3000
3200
mA
VILIM_HIZ = 1.6 V
1300
1500
1700
mA
VILIM_HIZ = 1.2 V
300
500
700
mA
ILEAK_ILIM
ILIM_HIZ pin leakage current
–1
1
µA
INPUT VOLTAGE REGULATION
VIREG_DPM_RNG
Input voltage regulation range
Voltage on VBUS
3.2
19.52
V
VDPM_REG_ACC
Input voltage regulation accuracy
REG0x0B/0A()=0x3C80H
18688
mV
–3%
2%
REG0x0B/0A()=0x1E00H
10880
mV
–4%
2.5%
REG0x0B/0A()=0x0500H
4480
mV
–5%
5%
OTG CURRENT REGULATION
VIOTG_REG_RNG
OTG output current regulation
differential voltage range
VIOTG_REG = VACP – VACN
0
81.28
mV
IOTG_ACC
OTG output current regulation
accuracy with 50-mA LSB and
10-mΩ ACP/ACN series resistor
REG0x09/08() = 0x3C00H
2800
3000
3200
mA
REG0x09/08() = 0x1E00H
1300
1500
1700
mA
REG0x09/08() = 0x0A00H
300
500
700
mA
OTG VOLTAGE REGULATION
VOTG_REG_RNG
OTG voltage regulation range
Voltage on VBUS
3
20.8
V
VOTG_REG_ACC
OTG voltage regulation accuracy
REG0x07/06() = 0x23F8H
REG0x34[2] = 0
20.002
V
–2%
2%
REG0x07/06() = 0x1710H
REG0x34[2] = 1
12.004
V
–2%
2%
REG0x07/06() = 0x099CH
REG0x34[2] = 1
5.002
V
–3%
3%
REFERENCE AND BUFFER
REGN REGULATOR
VREGN_REG
REGN regulator voltage (0 mA –
60 mA)
VVBUS = 10 V
5.7
6
6.3
V
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com