Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 32 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 32 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 94 page
background image
9.4.2 USB On-The-Go
BQ25713/BQ25713B supports USB OTG functionality to deliver power from the battery to other portable devices
through USB port (reverse mode). The OTG output voltage is compliant with USB PD specification, including 5
V, 9 V, 15 V, and 20 V. The output current regulation is compliant with USB type C specification, including 500
mA, 1.5 A, 3 A and 5 A.
Similar to forward operation, the device switches from PWM operation to PFM operation at light load to improve
efficiency.
9.4.3 Pass Through Mode (PTM)
When the system is in the sleep mode or light load condition, the charger can be operated in the pass through
mode to improve the light load efficiency. In TI patented pass through mode (PTM), the Buck and Boost high
side FETs are both turned on, while the Buck and Boost low side FETs are both turned off. The input power is
directly passed through the charger to the system. The switching losses of MOSFETs and the inductor core loss
are saved.
Device will be transition from normal Buck-Boost operation to PTM operation by:
• Set REG0x32[7] = 0, to disable the EN_EXITILIM.
• Set REG0x31[0] = 1.
• Set REG0x30[2] = 1.
• Ground ILIM_HIZ pin.
Device will transition out of PTM mode with host control by:
• Set REG0x30[2] = 0.
• Pull ILIM_HIZ pin to high.
• Device exits PTM to buck-boost operation if tripping VINDPM.
• Device exits PTM to buck-boost operation under fault conditions
9.5 Programming
The charger supports battery-charger commands that use either Write-Word or Read-Word protocols, as
summarized in Section 9.5.1. The I2C address is D6h. The ManufacturerID and DeviceID registers are assigned
identify the charger device. The ManufacturerID register command always returns 40h.
9.5.1 I2C Serial Interface
The BQ25713/BQ25713B uses I2C compatible interface for flexible charging parameter programming and
instantaneous device status reporting. I2C is a bi-directional 2-wire serial interface. Only two bus lines are
required: a serial data line (SDA) and a serial clock line (SCL). Devices can be considered as masters or slaves
when performing data transfers. A master is the device which initiates a data transfer on the bus and generates
the clock signals to permit that transfer. At that time, any device addressed is considered a slave.
The device operates as a slave device with address D6h, receiving control inputs from the master device like
micro controller or a digital signal processor through REG00-REG3A. The I2C interface supports both standard
mode (up to 100 kbits), and fast mode (up to 400 kbits). connecting to the positive supply voltage via a current
source or pull-up resistor. When the bus is free, both lines are HIGH. The SDA and SCL pins are open drain.
9.5.1.1 Data Validity
The data on the SDA line must be stable during the HIGH period of the clock. The HIGH or LOW state of the
data line can only change when the clock signal on the SCL line is LOW. One clock pulse is generated for each
data bit transferred.
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com