Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 39 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 39 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments BQ25713 Datasheet HTML 39Page - Texas Instruments BQ25713 Datasheet HTML 40Page - Texas Instruments BQ25713 Datasheet HTML 41Page - Texas Instruments BQ25713 Datasheet HTML 42Page - Texas Instruments BQ25713 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 94 page
background image
Table 9-6. ChargeOption0 Register (I2C address = 00h) Field Descriptions (continued)
I2C
00h
FIELD
TYPE
RESET
DESCRIPTION
1
EN_IDPM
R/W
1b
IDPM Enable
Host writes this bit to enable IDPM regulation loop. When the IDPM is disabled
by the charger (refer to IDPM_AUTO_DISABLE), this bit goes LOW.
0b: IDPM disabled
1b: IDPM enabled <default at POR>
0
CHRG_INHIBIT
R/W
0b
Charge Inhibit
When this bit is 0, battery charging will start with valid values in the
MaxChargeVoltage register and the ChargeCurrent register.
0b: Enable Charge <default at POR>
1b: Inhibit Charge
www.ti.com
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com