Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 13 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
8.5 Electrical Characteristics (continued)
over TJ = -40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VDROPOUT
REGN voltage in drop out mode
VVBUS = 5 V, ILOAD = 20 mA
3.8
4.3
4.6
V
IREGN_LIM_Charging
REGN current limit when
converter is enabled
VVBUS = 10 V, force VREGN =4 V
50
65
mA
CREGN
REGN output capacitor required
for stability
ILOAD = 100 µA to 50 mA
2.2
µF
CVDDA
REGN output capacitor required
for stability
ILOAD = 100 µA to 50 mA
1
µF
QUIESCENT CURRENT
IBAT_BATFET_ON
System powered by battery.
BATFET on. ISRN + ISRP + ISW2
+ IBTST2 + ISW1 + IBTST1 + IACP +
IACN + IVBUS + IVSYS
VBAT = 18 V, REG0x01[7] = 1, in
low power mode
22
45
µA
VBAT = 18 V, REG0x01[7] = 1,
REG0x31[5] = 1, REGN off
125
195
µA
VBAT = 18 V, REG0x01[7] =
0, REG0x31[4] = 0, REGN on,
DIS_PSYS
880
1170
µA
VBAT = 18 V, REG0x01[7] =
0, REG0x31[4] = 1, REGN on,
EN_PSYS
980
1270
µA
IAC_SW_LIGHT_buck
Input current during PFM in buck
mode, no load, IVBUS + IACP +
IACN + IVSYS + ISRP + ISRN + ISW1
+ IBTST + ISW2 + IBTST2
VIN = 20 V, VBAT = 12.6 V, 3s,
REG0x01[2] = 0; MOSFET Qg =
4 nC
2.2
mA
IAC_SW_LIGHT_boost
Input current during PFM in boost
mode, no load, IVBUS + IACP +
IACN + IVSYS + ISRP + ISRN + ISW1
+ IBTST2 + ISW2 + IBTST2
VIN = 5 V, VBAT = 8.4 V, 2s,
REG0x01[2] = 0; MOSFET Qg =
4 nC
2.7
mA
IAC_SW_LIGHT_buckboost
Input current during PFM in buck
boost mode, no load, IVBUS + IACP
+ IACN + IVSYS + ISRP + ISRN +
ISW1 + IBTST1 + ISW2 + IBTST2
VIN = 12 V, VBAT = 12 V,
REG0x01[2] = 0; MOSFET Qg =
4 nC
2.4
mA
IOTG_STANDBY
Quiescent current during PFM in
OTG mode IVBUS + IACP + IACN +
IVSYS + ISRP + ISRN + ISW1 + IBTST2
+ ISW2 + IBTST2
VBAT = 8.4 V, VBUS = 5 V,
800 kHz switching frequency,
MOSFET Qg = 4nC
3
mA
VBAT = 8.4 V, VBUS = 12
V, 800 kHz switching frequency,
MOSFET Qg = 4nC
4.2
mA
VBAT = 8.4 V, VBUS = 20
V, 800 kHz switching frequency,
MOSFET Qg = 4nC
6.2
mA
VACP/N_OP
Input common mode range
Voltage on ACP/ACN
3.8
26
V
VIADPT_CLAMP
IADPT output clamp voltage
3.1
3.2
3.3
V
IIADPT
IADPT output current
1
mA
AIADPT
Input current sensing gain
V(IADPT) / V(ACP-ACN), REG0x00[4]
= 0
20
V/V
V(IADPT) / V(ACP-ACN), REG0x00[4]
= 1
40
V/V
VIADPT_ACC
Input current monitor accuracy
V(ACP-ACN) = 40.96 mV
–2%
2%
V(ACP-ACN) = 20.48 mV
–3%
3%
V(ACP-ACN) =10.24 mV
–6%
6%
V(ACP-ACN) = 5.12 mV
–10%
10%
CIADPT_MAX
Maximum capacitance at IADPT
Pin
100
pF
VSRP/N_OP
Battery common mode range
Voltage on SRP/SRN
2.5
18
V
www.ti.com
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com