Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 49 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 49 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
Table 9-16. ProchotOption1 Register (I2C address = 38h) Field Descriptions (continued)
I2C
38h
FIELD
TYPE
RESET
DESCRIPTION
1
PROCHOT
_PROFILE_BATPRES
R/W
0b
0b: disable <default at POR>
1b: enable (one-shot falling edge triggered)
If BATPRES is enabled in PROCHOT after the battery is removed, it will
immediately send out one-shot PROCHOT pulse.
0
PROCHOT
_PROFILE_ACOK
R/W
0b
0b: disable <default at POR>
1b: enable
ChargeOption0[15] = 0 to assert PROCHOT pulse after adapter removal.
If PROCHOT_PROFILE_ACOK is enabled in PROCHOT after the adapter is
removed, it will be pulled low.
www.ti.com
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com