Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 28 Page - Texas Instruments

Part # BQ25713
Description  BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 24Page - Texas Instruments BQ25713 Datasheet HTML 25Page - Texas Instruments BQ25713 Datasheet HTML 26Page - Texas Instruments BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
is asserted if the system power is too high. Once CPU receives PROCHOT pulse from charger, it slows down to
reduce system power. The events monitored by the processor hot function includes:
• ICRIT: adapter peak current, as 110% of ILIM2
• INOM: adapter average current (110% of input current limit)
• IDCHG: battery discharge current
• VSYS: system voltage on VSYS
• Adapter Removal: upon adapter removal (CHRG_OK pin HIGH to LOW)
• Battery Removal: upon battery removal (CELL_BATPRESZ pin goes LOW)
• CMPOUT: Independent comparator output (CMPOUT pin HIGH to LOW)
• VDPM: VBUS lower than 80%/90%/100% of VINDPM threshold.
• EXIT_VAP: Every time when the charger exits VAP mode.
The threshold of ICRIT, IDCHG, VSYS or VDPM, and the deglitch time of ICRIT, INOM, IDCHG or CMPOUT are
programmable through I2C. Except the PROCHOT_EXIT_VAP is always enabled, the other triggering events
can be individually enabled in REG0x38[7:0]. When any enabled event in PROCHOT profile is triggered,
PROCHOT is asserted low for a single pulse with minimal width programmable in REG0x23[5:4]. At the end of
the single pulse, if the PROCHOT event is still active, the pulse gets extended until the event is removed.
If the PROCHOT pulse extension mode is enabled by setting REG0x23[6] = 1, the PROCHOT pin will be kept as
low until host writes REG0x23[3]21[11] = 0, even if the triggering event has been removed.
If the PROCHOT_VDPM or PROCHOT_EXIT_VAP is triggered, PROCHOT pin will always stay low until the
host clears it, no matter the PROCHOT is in one pulse mod or in extended mode.
BQ25713, BQ25713B
SLUSD83C – JUNE 2018 – REVISED MAY 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: BQ25713 BQ25713B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com