Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25730 Datasheet (PDF) - Texas Instruments

BQ25730 Datasheet PDF - Texas Instruments
Part # BQ25730
Download  BQ25730 Download
File Size   3352.27 Kbytes
Page   111 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output

BQ25730 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25730 Datasheet PDF - Texas Instruments

Part # BQ25730
Download  BQ25730 Click to download

File Size   3352.27 Kbytes
Page   111 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output

BQ25730 Datasheet (HTML) - Texas Instruments


BQ25730 Product details

1 Features
• Power path control through battery MOSFET
implementing independent system voltage instanton
with no battery or depleted battery
• 400kHz/800kHz programmable switching
frequency for high efficiency/high power density
• Buck-boost narrow voltage DC (NVDC) charger for
USB-C Power Delivery (PD) interface platform
– 3.5V to 26V input range to charge 1- to 5-cell
battery
– Charge current up to 16.2A/8.1A with 128mA/
64mA resolution based on 5mΩ/10mΩ sensing
resistor
– Input current limit up to 10A/6.35A with 100mA/
50mA resolution based on 5mΩ/10mΩ sensing
resistor
– Support USB 2.0, USB 3.0, USB 3.1 and USB
Power Delivery (PD)
– Input Current Optimizer (ICO) to extract max
input power without overloading the adapter
– Seamless transition between buck, buck-boost,
and boost operations
– Input current and voltage regulation (IINDPM
and VINDPM) against source overload
• TI patented switching frequency dithering pattern
for EMI noise reduction
• TI patented Pass Through Mode (PTM) for system
power efficiency improvement and battery fast
charging achieving 99% efficiency.
• Input and battery current monitor through
dedicated pins
• Integrated 8-bit ADC to monitor voltage, current
and power
• Battery MOSFET ideal diode operation in
supplement mode to support system when adapter
is fully loaded
• Power up USB port from battery (USB OTG)
– 3V to 24V OTG with 8mV resolution
– Output current limit up to 12.7A/6.35A with
100mA/50mA resolution based on 5mΩ/10mΩ
sensing resistor
• I2C host control interface for flexible system
configuration
• High accuracy for the regulation and monitor
– ±0.5% Charge voltage regulation
– ±3% Charge current regulation
– ±2.5% Input current regulation
– ±2% Input/charge current monitor
• Safety
– Thermal shutdown
– Input, system, battery overvoltage protection
– Input, MOSFET, inductor overcurrent protection
• Safety-Related Certifications
– IEC 62368-1 CB Certification
• Package: 32-Pin 4.0mm × 4.0mm WQFN

2 Applications
• Oxygen concentrator, ventilators,vacuum robot
• Tablet (multimedia), wireless speaker

3 Description
The BQ25730 is a synchronous NVDC buck-boost
battery charge controller to charge a 1- to 5-cell
battery from a wide range of input sources including
USB adapter, high voltage USB-C Power Delivery
(PD) sources, and traditional adapters. It offers a low
component count, high efficiency solution for space
constrained, 1- to 5-cell battery charging applications.
The Narrow VDC buck-boost architecture avoid direct
power path from input source to system voltage
which implements wide input voltage range and
narrow system voltage range at same time. Narrow
system voltage range is valuable for faster battery
supplement and lower MOSFET rating for next stage
converter.




Similar Part No. - BQ25730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25730 TI-BQ25730 Datasheet
3Mb / 106P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
BQ25730 TI2-BQ25730 Datasheet
3Mb / 111P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
REVISED JANUARY 2024
BQ25730RSNR TI-BQ25730RSNR Datasheet
3Mb / 106P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
BQ25730RSNR TI2-BQ25730RSNR Datasheet
3Mb / 111P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
REVISED JANUARY 2024
BQ25730RSNR.A TI2-BQ25730RSNR.A Datasheet
3Mb / 111P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
REVISED JANUARY 2024
More results


Similar Description - BQ25730

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Texas Instruments
BQ25790 TI1-BQ25790 Datasheet
2Mb / 133P
BQ25790 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25792 TI1-BQ25792 Datasheet
1Mb / 129P
BQ25792 I2C Controlled, 1-4 Cell, 5-A Buck-Boost Battery Charger with Dual-Input Selector and USB PD 3.0 OTG Output
BQ25731 TI1-BQ25731 Datasheet
329Kb / 14P
BQ25731 I2C 1- to 5-Cell Narrow VDC Buck-Boost Battery Charge Controller
BQ25730 TI-BQ25730 Datasheet
3Mb / 106P
BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
logo
Texas Instruments
BQ25750 TI1-BQ25750 Datasheet
3Mb / 84P
BQ25750: Standalone/I2C Controlled, 1- to 14-Cell Bidirectional Buck-Boost Battery Charge Controller with Direct Power Path Control
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com