Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U Datasheet (PDF) - Texas Instruments

BUF634U Datasheet PDF - Texas Instruments
Part # BUF634U
Download  BUF634U Download
File Size   1877.35 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUF634 250mA High-Speed Buffer

BUF634U Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF634U Datasheet PDF - Texas Instruments

Part # BUF634U
Download  BUF634U Click to download

File Size   1877.35 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BUF634 250mA High-Speed Buffer

BUF634U Datasheet (HTML) - Texas Instruments


BUF634U Product details

1 Features
• A newer version of this device is now available:
BUF634A
• High output current: 250mA
• Slew rate: 2000V/μs
• Pin-selected bandwidth: 30MHz to 180MHz
• Low quiescent current: 1.5mA (30MHz BW)
• Wide supply range: ±2.25V to ±18V
• Internal current limit
• Thermal shutdown protection
• Packages:
– 5-pin SOIC
– 5-pin TO-220
– 5-pin TO-263 surface-mount

2 Applications
• Valve driver
• Solenoid driver
• Op amp current booster
• Line driver
• Headphone driver
• Video driver
• Motor driver
• Test equipment
• ATE pin driver

3 Description
The BUF634 is a high-speed, unity-gain, open-loop
buffer recommended for a wide range of applications.
The BUF634 can be used inside the feedback loop of
op amps to increase output current, eliminate thermal
feedback, and improve capacitive load drive.
For low-power applications, the BUF634 operates
on 1.5mA quiescent current with 250mA output,
2000V/μs slew rate, and 30MHz bandwidth.
Bandwidth can be adjusted from 30MHz to 180MHz
by connecting a resistor between V– and the BW pin.
Output circuitry is fully protected by internal current
limit and thermal shutdown, making the device rugged
and easy to use.
The BUF634 is available in a variety of packages to
meet mechanical and power-dissipation requirements.
Types include SOIC‑8 surface-mount, 5‑lead TO‑220,
and a 5‑lead TO‑263 (DDPAK) surface-mount plastic
power packages.




Similar Part No. - BUF634U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF634U BURR-BROWN-BUF634U Datasheet
200Kb / 11P
250mA HIGH-SPEED BUFFER
BUF634U BURR-BROWN-BUF634U Datasheet
248Kb / 12P
250mA HIGH-SPEED BUFFER
BUF634U BURR-BROWN-BUF634U Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
BUF634U-2K5 BURR-BROWN-BUF634U-2K5 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
BUF634U-2K5E4 BURR-BROWN-BUF634U-2K5E4 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
More results


Similar Description - BUF634U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6121 NSC-LM6121 Datasheet
285Kb / 10P
High Speed Buffer
LM6125 NSC-LM6125 Datasheet
261Kb / 9P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634 Datasheet
200Kb / 11P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM4121 CALOGIC-CLM4121 Datasheet
58Kb / 6P
High Speed Buffer
CLM6121 CALOGIC-CLM6121 Datasheet
62Kb / 5P
High Speed Buffer
logo
Burr-Brown (TI)
BUF634 BURR-BROWN-BUF634_07 Datasheet
248Kb / 12P
250mA HIGH-SPEED BUFFER
BUF634 BURR-BROWN-BUF634_12 Datasheet
851Kb / 20P
250mA HIGH-SPEED BUFFER
logo
Calogic, LLC
CLM6121 CALOGIC-CLM6121_15 Datasheet
82Kb / 6P
High Speed Buffer
logo
Texas Instruments
LM6121 TI1-LM6121 Datasheet
322Kb / 13P
High Speed Buffer
LM6125 TI1-LM6125 Datasheet
306Kb / 11P
High Speed Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com