Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U Datasheet(PDF) 4 Page - Texas Instruments

Part # BUF634U
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF634U Datasheet(HTML) 4 Page - Texas Instruments

  BUF634U Datasheet HTML 1Page - Texas Instruments BUF634U Datasheet HTML 2Page - Texas Instruments BUF634U Datasheet HTML 3Page - Texas Instruments BUF634U Datasheet HTML 4Page - Texas Instruments BUF634U Datasheet HTML 5Page - Texas Instruments BUF634U Datasheet HTML 6Page - Texas Instruments BUF634U Datasheet HTML 7Page - Texas Instruments BUF634U Datasheet HTML 8Page - Texas Instruments BUF634U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Supply voltage
±18
V
Input voltage
±VS
Output short-circuit (to ground)
Continuous
Operating temperature
–40
125
°C
Junction temperature
150
°C
Lead temperature (soldering, 10 s)
300
°C
Tstg
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
BUF634U in D (SOIC) Package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
BUF634U in D (SOIC) Package
V(ESD)
Electrostatic discharge,
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V
BUF634F in KC (TO-220) and KTT (TO-263) Packages
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS = (V+) – (V–)
Supply voltage
±2.25 (4.5)
±15 (30)
±18 (36)
V
TA
Operating temperature
-40
25
85
°C
6.4 Thermal Information
THERMAL METRIC(1)
BUF634
UNIT
D (SOIC)
KC (TO-220)
KTT (TO-263)
8 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
123
32.1
41.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
25.6
45
°C/W
RθJB
Junction-to-board thermal resistance
68
18.3
24.8
°C/W
ψJT
Junction-to-top characterization parameter
12
8.5
13.1
°C/W
ψJB
Junction-to-board characterization parameter
67
17.7
23.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
0.7
2.4
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com