Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U Datasheet(PDF) 28 Page - Texas Instruments

Part # BUF634U
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF634U Datasheet(HTML) 28 Page - Texas Instruments

Back Button BUF634U Datasheet HTML 24Page - Texas Instruments BUF634U Datasheet HTML 25Page - Texas Instruments BUF634U Datasheet HTML 26Page - Texas Instruments BUF634U Datasheet HTML 27Page - Texas Instruments BUF634U Datasheet HTML 28Page - Texas Instruments BUF634U Datasheet HTML 29Page - Texas Instruments BUF634U Datasheet HTML 30Page - Texas Instruments BUF634U Datasheet HTML 31Page - Texas Instruments BUF634U Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
BUF634F/500
NRND
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634F/500.A
NRND
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634F/500E3
NRND
Production
DDPAK/
TO-263 (KTT) | 5
500 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634FKTTT
NRND
Production
DDPAK/
TO-263 (KTT) | 5
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634FKTTT.A
NRND
Production
DDPAK/
TO-263 (KTT) | 5
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634FKTTTE3
NRND
Production
DDPAK/
TO-263 (KTT) | 5
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
BUF634F
BUF634T
NRND
Production
TO-220 (KC) | 5
49 | TUBE
Yes
SN
N/A for Pkg Type
-40 to 125
BUF634T
BUF634T.A
NRND
Production
TO-220 (KC) | 5
49 | TUBE
Yes
SN
N/A for Pkg Type
-40 to 125
BUF634T
BUF634TG3
NRND
Production
TO-220 (KC) | 5
49 | TUBE
Yes
SN
N/A for Pkg Type
-40 to 125
BUF634T
BUF634U
NRND
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
BUF
634U
BUF634U.B
NRND
Production
SOIC (D) | 8
75 | TUBE
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
BUF
634U
BUF634U/2K5
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
BUF
634U
BUF634U/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 125
BUF
634U
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com