Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF634U Datasheet(PDF) 21 Page - Texas Instruments

Part # BUF634U
Description  BUF634 250mA High-Speed Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF634U Datasheet(HTML) 21 Page - Texas Instruments

Back Button BUF634U Datasheet HTML 17Page - Texas Instruments BUF634U Datasheet HTML 18Page - Texas Instruments BUF634U Datasheet HTML 19Page - Texas Instruments BUF634U Datasheet HTML 20Page - Texas Instruments BUF634U Datasheet HTML 21Page - Texas Instruments BUF634U Datasheet HTML 22Page - Texas Instruments BUF634U Datasheet HTML 23Page - Texas Instruments BUF634U Datasheet HTML 24Page - Texas Instruments BUF634U Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
C(1)
C(1)
pseudo
ground
+
12V
–
BUF634
10kΩ
10µF
+24V
10kΩ
+
12V
–
NOTE: (1) System bypass capacitors.
+
Figure 8-3. Pseudo-Ground Driver
OPA177
BUF634
Valve
V
IN
±2V
10Ω
I
O
= ±200mA
Figure 8-4. Current-Output Valve Driver
1/2
OPA2234
9kΩ
BUF634
1kΩ
V
IN
±1V
Motor
1/2
OPA2234
BUF634
10kΩ
10kΩ
±20V
at 250mA
Figure 8-5. Bridge-Connected Motor Driver
www.ti.com
BUF634
SBOS030C – AUGUST 2000 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BUF634



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com