Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ7694002DBTR.A Datasheet (PDF) - Texas Instruments

BQ7694002DBTR.A Datasheet PDF - Texas Instruments
Part # BQ7694002DBTR.A
Download  BQ7694002DBTR.A Download
File Size   2219.56 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications

BQ7694002DBTR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ7694002DBTR.A Datasheet PDF - Texas Instruments

Part # BQ7694002DBTR.A
Download  BQ7694002DBTR.A Click to download

File Size   2219.56 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ769x0 3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications

BQ7694002DBTR.A Datasheet (HTML) - Texas Instruments


BQ7694002DBTR.A Product details

1 Features
• AFE monitoring features
– Pure digital interface
– Internal ADC measures cell voltage, die
temperature, and external thermistor
– A separate, internal ADC measures pack
current (coulomb counter)
– Directly supports up to three thermistors
(103AT)
• Hardware protection features
– Overcurrent in Discharge (OCD)
– Short Circuit in Discharge (SCD)
– Overvoltage (OV)
– Undervoltage (UV)
– Secondary protector fault detection
• Additional features
– Integrated cell balancing FETs
– Charge, discharge low-side NCH FET drivers
– Alert interrupt to host microcontroller
– 2.5-V or 3.3-V output voltage regulator
– No EEPROM programming necessary
– High supply voltage absolute maximum (up to
108 V)
– Simple I2C compatible interface (CRC option)
– Random cell connection tolerant

2 Applications
• Light electric vehicles (LEV): eBikes, eScooters,
pedelec, and pedal-assist bicycles
• Power tools and garden tools
• Battery backup units (BBUS), energy storage
systems (ESS), and uninterruptible power supply
(UPS) systems
• Other industrial battery packs (≥10S)

3 Description
The BQ769x0 family of robust analog front-end
(AFE) devices serves as part of a complete pack
monitoring and protection solution for next-generation,
high-power systems, such as light electric vehicles,
power tools, and uninterruptible power supplies. The
BQ769x0 is designed with low power in mind: Subblocks
within the IC may be enabled or disabled to
control the overall chip current consumption, and a
SHIP mode provides a simple way to put the pack into
an ultra-low power state.
The BQ76920 device supports up to 5-series cells
or typical 18-V packs, the BQ76930 handles up
to 10-series cells or typical 36-V packs, and the
BQ76940 works for up to 15-series cells or typical
48-V packs. A variety of battery chemistries may be
managed with these AFEs, including Li-ion, Li-iron
phosphate, and more. Through I2C, a host controller
can use the BQ769x0 to implement many battery
pack management functions, such as monitoring (cell
voltages, pack current, pack temperatures), protection
(controlling charge/discharge FETs), and balancing.
Integrated A/D converters enable a purely digital
readout of critical system parameters, with calibration
handled in TI’s manufacturing process.




Similar Part No. - BQ7694002DBTR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ7694002DBTR TI1-BQ7694002DBTR Datasheet
1Mb / 63P
15-Series Cell Battery Monitor Family
BQ7694002DBTR TI1-BQ7694002DBTR Datasheet
2Mb / 66P
3-Series to 15-Series Cell Battery Monitor Family for Li-Ion and Phosphate Applications
REVISED MARCH 2022
More results


Similar Description - BQ7694002DBTR.A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
December 5, 2012
logo
Texas Instruments
BQ76PL536A TI-BQ76PL536A Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
BQ76PL536APAPT TI1-BQ76PL536APAPT Datasheet
1Mb / 60P
3 to 6 Series Cell Lithium-Ion Battery Monitor and Secondary Protection IC for Applications
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Texas Instruments
BQ76920 TI1-BQ76920 Datasheet
1Mb / 63P
15-Series Cell Battery Monitor Family
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
3-to-8 Cell Li-ion Battery Pack Monitor
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com