Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1633242 Datasheet (PDF) - PHOENIX CONTACT

1633242 Datasheet PDF - PHOENIX CONTACT
Part # 1633242
Download  1633242 Download
File Size   215.85 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-C4M-S-CO2 6-16 - Connector

1633242 Datasheet (PDF)

Go To PDF Page Download Datasheet
1633242 Datasheet PDF - PHOENIX CONTACT

Part # 1633242
Download  1633242 Click to download

File Size   215.85 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ES-C4M-S-CO2 6-16 - Connector

1633242 Datasheet (HTML) - PHOENIX CONTACT


1633242 Product details

Connector, Range of articles: BPP, color: blue/black, number of positions: 1, min. conductor
cross-section: 6 mm2, max. conductor cross-section: 16 mm2, rated voltage: 1500 V DC, rated
current: 38 A, Connection method: Spring-cage, min. cable diameter: 5.5 mm, max. cable
diameter: 10 mm




Similar Part No. - 1633242

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
163324 FESTO-163324 Datasheet
96Kb / 2P
ISO cylinder
logo
Weidmuller
1633240000 WEIDMULLER-1633240000 Datasheet
1Mb / 52P
SAK-series
logo
PHOENIX CONTACT
1633241 PHOENIX-1633241 Datasheet
213Kb / 6P
ES-C4F-S-CO1 6-16 - Connector
More results


Similar Description - 1633242

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1020775 PHOENIX-1020775 Datasheet
71Kb / 3P
Connector - PV-C4M-S 2,5-6
1790784 PHOENIX-1790784 Datasheet
68Kb / 3P
Connector - PV-CF-S 6-16 ()
1790797 PHOENIX-1790797 Datasheet
69Kb / 3P
Connector - PV-CM-S 6-16 (-)
1284632 PHOENIX-1284632 Datasheet
257Kb / 10P
Connector - PV-C4M-S 6-16 (-)
1284634 PHOENIX-1284634 Datasheet
253Kb / 9P
Connector - PV-C4F-S 6-16 ()
1231071 PHOENIX-1231071 Datasheet
254Kb / 9P
ES-FT-C4M-CO1 - Device connector front mounting
1231073 PHOENIX-1231073 Datasheet
234Kb / 8P
ES-C1M-C-CO2 - Connector
1231076 PHOENIX-1231076 Datasheet
242Kb / 9P
ES-C4F-S-CO1 - Connector
1231072 PHOENIX-1231072 Datasheet
251Kb / 9P
ES-FT-C4F-CO2 - Device connector front mounting
1231075 PHOENIX-1231075 Datasheet
244Kb / 9P
ES-C4M-S-CO2 - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com