Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD11P06TM Datasheet (PDF) - ON Semiconductor

FQD11P06TM Datasheet PDF - ON Semiconductor
Part # FQD11P06TM
Download  FQD11P06TM Download
File Size   1330.89 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET -60 V, -9.4 A, 185 mΩ

FQD11P06TM Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD11P06TM Datasheet PDF - ON Semiconductor

Part # FQD11P06TM
Download  FQD11P06TM Click to download

File Size   1330.89 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel QFET® MOSFET -60 V, -9.4 A, 185 mΩ

FQD11P06TM Datasheet (HTML) - ON Semiconductor


FQD11P06TM Product details

Description
This P-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications..

Features
• -9.4 A, -60 V, RDS(on) = 185 mΩ (Max.) @ VGS = -10 V, ID = -4.7 A
• Low Gate Charge (Typ. 13 nC)
• Low Crss (Typ. 45 pF)
• 100% Avalanche Tested




Similar Part No. - FQD11P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
logo
VBsemi Electronics Co.,...
FQD11P06TM VBSEMI-FQD11P06TM Datasheet
990Kb / 8P
P-Channel 60-V (D-S) MOSFET
logo
BYCHIP ELECTRONICS CO.,...
FQD11P06TM BYCHIP-FQD11P06TM Datasheet
912Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - FQD11P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB11P06TM FAIRCHILD-FQB11P06TM Datasheet
1Mb / 9P
P-Channel QFET MOSFET -60 V, -11.4 A, 175 m廓
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
P-Channel QFET MOSFET
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
N-Channel QFET MOSFET 60 V, 20 A, 60 m
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD13N06TF FAIRCHILD-FQD13N06TF Datasheet
803Kb / 8P
N-Channel QFET MOSFET 60 V, 10 A, 140 m
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com