| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBRP123ET
|
112Kb / 12P |
PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-16 January 2008 |
|
PBRP113ET
|
118Kb / 12P |
PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Rev. 01-17 December 2007 |
|
PBRP123YT
|
121Kb / 12P |
PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 10 kW
Rev. 01-17 December 2007 |
|
PDTA113Z
|
121Kb / 18P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009 |
|
PDTD113ZT
|
71Kb / 9P |
NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009 |
 Nexperia B.V. All right... |
PBRN113E_SER
|
777Kb / 17P |
NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 1 kW
Rev. 01 - 1 March 2007 |
|
PBRN113Z_SER
|
741Kb / 17P |
NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 26 February 2007 |
|
PBRN123E_SER
|
740Kb / 17P |
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007 |
|
PBRN123Y_SER
|
741Kb / 17P |
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007 |
|
PDTA113Z_SER
|
236Kb / 19P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04 - 2 September 2009 |