Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBRP123ET Datasheet (PDF) - NXP Semiconductors

PBRP123ET Datasheet PDF - NXP Semiconductors
Part # PBRP123ET
Download  PBRP123ET Download
File Size   112.65 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW

PBRP123ET Datasheet (PDF)

Go To PDF Page Download Datasheet
PBRP123ET Datasheet PDF - NXP Semiconductors

Part # PBRP123ET
Download  PBRP123ET Click to download

File Size   112.65 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW

PBRP123ET Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PBRP123ET

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBRP123ET NEXPERIA-PBRP123ET Datasheet
267Kb / 12P
40 V, 600 mA PNP PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
1 April 2021
PBRP123ET-Q NEXPERIA-PBRP123ET-Q Datasheet
269Kb / 13P
40 V, 600 mA PNP PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
6 May 2021
More results


Similar Description - PBRP123ET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRP113ZT NXP-PBRP113ZT Datasheet
114Kb / 12P
PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 10 kW
Rev. 01-16 January 2008
PBRP113ET NXP-PBRP113ET Datasheet
118Kb / 12P
PNP 800 mA, 40 V BISS RET; R1 = 1 kW, R2 = 1 kW
Rev. 01-17 December 2007
PBRP123YT NXP-PBRP123YT Datasheet
121Kb / 12P
PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 10 kW
Rev. 01-17 December 2007
PEMB20 NXP-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMB20_PUMB20 PHILIPS-PEMB20_PUMB20_15 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009
PEMD20_PUMD20 PHILIPS-PEMD20_PUMD20_15 Datasheet
65Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005
logo
Nexperia B.V. All right...
PEMB20 NEXPERIA-PEMB20 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009
PBRN113Z_SER NEXPERIA-PBRN113Z_SER Datasheet
741Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 26 February 2007
PBRN123E_SER NEXPERIA-PBRN123E_SER Datasheet
740Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123Y_SER NEXPERIA-PBRN123Y_SER Datasheet
741Kb / 17P
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com