Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F415IPM Datasheet (PDF) - Texas Instruments

MSP430F415IPM Datasheet PDF - Texas Instruments
Part # MSP430F415IPM
Download  MSP430F415IPM Download
File Size   1235.0 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F415IPM Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F415IPM Datasheet PDF - Texas Instruments

Part # MSP430F415IPM
Download  MSP430F415IPM Click to download

File Size   1235.0 Kbytes
Page   66 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F415IPM Datasheet (HTML) - Texas Instruments


MSP430F415IPM Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultralow Power Consumption
− Active Mode: 200 μA at 1 MHz, 2.2 V
− Standby Mode: 0.7 μA
− Off Mode (RAM Retention): 0.1 μA
Five Power-Saving Modes
Wake-Up From Standby Mode in
Less Than 6 μs
Frequency-Locked Loop (FLL+)
16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
16-Bit Timer_A With Three or Five†
Capture/Compare Registers
Integrated LCD Driver for 96 Segments
On-Chip Comparator
Brownout Detector
Supply Voltage Supervisor/Monitor −
Programmable Level Detection on
MSP430F415/417 Devices Only
Serial Onboard Programming,
No External Programming Voltage Needed,
Programmable Code Protection by Security
Fuse
Bootstrap Loader in Flash Devices
Family Members Include:
− MSP430C412: 4KB ROM, 256B RAM
− MSP430C413: 8KB ROM, 256B RAM
− MSP430F412: 4KB + 256B Flash
256B RAM
− MSP430F413: 8KB + 256B Flash
256B RAM
− MSP430F415: 16KB + 256B Flash
512B RAM
− MSP430F417: 32KB + 256B Flash
1KB RAM
Available in 64-Pin QFP (PM) and
64-Pin QFN (RTD/RGC) Packages
For Complete Module Descriptions,See the
MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas Instruments MSP430 family of ultra-low-power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes, is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430x41x series are microcontroller configurations with one or two built-in 16-bit timers, a comparator,
96 LCD segment drive capability, and 48 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process the data and transmit them to a host system. The comparator and timer make the configurations ideal
for industrial meters, counter applications, handheld meters, etc.




Similar Part No. - MSP430F415IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F415IPM TI-MSP430F415IPM Datasheet
1Mb / 55P
MIXED SIGNAL MICROCONTROLLER
MSP430F415IPM TI-MSP430F415IPM Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430F415IPM TI1-MSP430F415IPM Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430F415IPM TI2-MSP430F415IPM Datasheet
1Mb / 66P
MIXED SIGNAL MICROCONTROLLER
REVISED DECEMBER 2008
MSP430F415IPM.B TI2-MSP430F415IPM.B Datasheet
1Mb / 66P
MIXED SIGNAL MICROCONTROLLER
REVISED DECEMBER 2008
More results


Similar Description - MSP430F415IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com