Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F415IPM Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430F415IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F415IPM Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F415IPM Datasheet HTML 2Page - Texas Instruments MSP430F415IPM Datasheet HTML 3Page - Texas Instruments MSP430F415IPM Datasheet HTML 4Page - Texas Instruments MSP430F415IPM Datasheet HTML 5Page - Texas Instruments MSP430F415IPM Datasheet HTML 6Page - Texas Instruments MSP430F415IPM Datasheet HTML 7Page - Texas Instruments MSP430F415IPM Datasheet HTML 8Page - Texas Instruments MSP430F415IPM Datasheet HTML 9Page - Texas Instruments MSP430F415IPM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions − MSP430x412, MSP430x413 (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
P4.0/S9
21
I/O
General-purpose digital I/O / LCD segment output 9 (see Note 1)
P4.1/S8
20
I/O
General-purpose digital I/O / LCD segment output 8 (see Note 1)
P4.2/S7
19
I/O
General-purpose digital I/O / LCD segment output 7 (see Note 1)
P4.3/S6
18
I/O
General-purpose digital I/O / LCD segment output 6 (see Note 1)
P4.4/S5
17
I/O
General-purpose digital I/O / LCD segment output 5 (see Note 1)
P4.5/S4
16
I/O
General-purpose digital I/O / LCD segment output 4 (see Note 1)
P4.6/S3
15
I/O
General-purpose digital I/O / LCD segment output 3 (see Note 1)
P4.7/S2
14
I/O
General-purpose digital I/O / LCD segment output 2 (see Note 1)
P5.0/S1
13
I/O
General-purpose digital I/O / LCD segment output 1 (see Note 1)
P5.1/S0
12
I/O
General-purpose digital I/O / LCD segment output 0 (see Note 1)
COM0
36
O
Common output. COM0−3 are used for LCD backplanes
P5.2/COM1
37
I/O
General-purpose digital I/O / Common output. COM0−3 are used for LCD backplanes.
P5.3/COM2
38
I/O
General-purpose digital I/O / Common output. COM0−3 are used for LCD backplanes.
P5.4/COM3
39
I/O
General-purpose digital I/O / Common output. COM0−3 are used for LCD backplanes.
R03
40
I
Input port of fourth positive (lowest) analog LCD level (V5)
P5.5/R13
41
I/O
General-purpose digital I/O / Input port of third most positive analog LCD level (V4 or V3)
P5.6/R23
42
I/O
General-purpose digital I/O / Input port of second most positive analog LCD level (V2)
P5.7/R33
43
I/O
General-purpose digital I/O / Output port of most positive analog LCD level (V1)
P6.0
59
I/O
General-purpose digital I/O
P6.1
60
I/O
General-purpose digital I/O
P6.2
61
I/O
General-purpose digital I/O
P6.3
2
I/O
General-purpose digital I/O
P6.4
3
I/O
General-purpose digital I/O
P6.5
4
I/O
General-purpose digital I/O
P6.6
5
I/O
General-purpose digital I/O
P6.7
6
I/O
General-purpose digital I/O
RST/NMI
58
I
Reset input / Nonmaskable interrupt input
TCK
57
I
Test clock. TCK is the clock input port for device programming and test.
TDI/TCLK
55
I
Test data input / Test clock input. The device protection fuse is connected to TDI.
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
XIN
8
I
Input port for crystal oscillator XT1. Standard or watch crystals can be connected.
XOUT
9
O
Output terminal of crystal oscillator XT1.
QFN Pad
NA
NA
QFN package pad connection to VSS recommended.
NOTE 2: LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com