Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPN Datasheet (PDF) - Texas Instruments

MSP430F437IPN Datasheet PDF - Texas Instruments
Part # MSP430F437IPN
Download  MSP430F437IPN Download
File Size   1650.54 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F437IPN Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F437IPN Datasheet PDF - Texas Instruments

Part # MSP430F437IPN
Download  MSP430F437IPN Click to download

File Size   1650.54 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MIXED SIGNAL MICROCONTROLLER

MSP430F437IPN Datasheet (HTML) - Texas Instruments


MSP430F437IPN Product details

Low Supply-Voltage Range, 1.8 V to 3.6 V
Ultralow-Power Consumption:
− Active Mode: 280 μA at 1 MHz, 2.2 V
− Standby Mode: 1.1 μA
− Off Mode (RAM Retention): 0.1 μA
Five Power Saving Modes
Wake-Up From Standby Mode in Less
Than 6 μs
16-Bit RISC Architecture,
125-ns Instruction Cycle Time
12-Bit A/D Converter With Internal
Reference, Sample-and-Hold and
Autoscan Feature
16-Bit Timer_B With Three† or Seven‡
Capture/Compare-With-Shadow Registers
16-Bit Timer_A With Three
Capture/Compare Registers
On-Chip Comparator
Serial Communication Interface (USART),
Select Asynchronous UART or
Synchronous SPI by Software:
− Two USARTs (USART0, USART1)†
− One USART (USART0)‡
Brownout Detector
Supply Voltage Supervisor/Monitor With
Programmable Level Detection
Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
Integrated LCD Driver for up to
160 Segments
Bootstrap Loader
Family Members Include:
− MSP430F435, MSP430F4351§:
16KB+256B Flash Memory,
512B RAM
− MSP430F436, MSP430F4361§:
24KB+256B Flash Memory,
1KB RAM
− MSP430F437, MSP430F4371§:
32KB+256B Flash Memory,
1KB RAM
− MSP430F447:
32KB+256B Flash Memory,
1KB RAM
− MSP430F448, MSP430F4481§:
48KB+256B Flash Memory,
2KB RAM
− MSP430F449, MSP430F4491§:
60KB+256B Flash Memory,
2KB RAM
For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056

description
The Texas Instruments MSP430 family of ultralow power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The devices feature
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6 μs.
The MSP430x43x(1) and the MSP430x44x(1) series are microcontroller configurations with two built-in 16-bit
timers, a fast 12-bit A/D converter (not implemented on the MSP430F43x1 and MSP430F44x1 devices), one
or two universal serial synchronous/asynchronous communication interfaces (USART), 48 I/O pins, and a liquid
crystal driver (LCD) with up to 160 segments.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process and transmit the data to a host system, or process this data and display it on a LCD panel. The timers
make the configurations ideal for industrial control applications such as ripple counters, digital motor control,
EE-meters, hand-held meters, etc. The hardware multiplier enhances the performance and offers a broad code
and hardware-compatible family solution.




Similar Part No. - MSP430F437IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 85P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 79P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI1-MSP430F437IPN Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
More results


Similar Description - MSP430F437IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com