Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPN Datasheet(PDF) 1 Page - Texas Instruments

Part # MSP430F437IPN
Description  MIXED SIGNAL MICROCONTROLLER
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F437IPN Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F437IPN Datasheet HTML 1Page - Texas Instruments MSP430F437IPN Datasheet HTML 2Page - Texas Instruments MSP430F437IPN Datasheet HTML 3Page - Texas Instruments MSP430F437IPN Datasheet HTML 4Page - Texas Instruments MSP430F437IPN Datasheet HTML 5Page - Texas Instruments MSP430F437IPN Datasheet HTML 6Page - Texas Instruments MSP430F437IPN Datasheet HTML 7Page - Texas Instruments MSP430F437IPN Datasheet HTML 8Page - Texas Instruments MSP430F437IPN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x1, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344G − JANUARY 2002 − REVISED OCTOBER 2009
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V to 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 280
µA at 1 MHz, 2.2 V
− Standby Mode: 1.1
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power Saving Modes
D Wake-Up From Standby Mode in Less
Than 6
µs
D 16-Bit RISC Architecture,
125-ns Instruction Cycle Time
D 12-Bit A/D Converter With Internal
Reference, Sample-and-Hold and
Autoscan Feature
D 16-Bit Timer_B With Three† or Seven‡
Capture/Compare-With-Shadow Registers
D 16-Bit Timer_A With Three
Capture/Compare Registers
D On-Chip Comparator
D Serial Communication Interface (USART),
Select Asynchronous UART or
Synchronous SPI by Software:
− Two USARTs (USART0, USART1)†
− One USART (USART0)‡
D Brownout Detector
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Integrated LCD Driver for up to
160 Segments
D Bootstrap Loader
D Family Members Include:
− MSP430F435, MSP430F4351§:
16KB+256B Flash Memory,
512B RAM
− MSP430F436, MSP430F4361§:
24KB+256B Flash Memory,
1KB RAM
− MSP430F437, MSP430F4371§:
32KB+256B Flash Memory,
1KB RAM
− MSP430F447:
32KB+256B Flash Memory,
1KB RAM
− MSP430F448, MSP430F4481§:
48KB+256B Flash Memory,
2KB RAM
− MSP430F449, MSP430F4491§:
60KB+256B Flash Memory,
2KB RAM
D For Complete Module Descriptions, See
The MSP430x4xx Family User’s Guide,
Literature Number SLAU056
† MSP430F43x, and MSP430F43x1 devices
‡ MSP430F44x, and MSP430F44x1 devices
§ The MSP430F43x1 and MSP430F44x1 devices are identical to
the MSP430F43x and MSP430F44x devices, respectively − with
the exception that the ADC12 module is not implemented.
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consists of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low-power
modes, is optimized to achieve extended battery life in portable measurement applications. The devices feature
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that contribute to maximum code
efficiency. The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less
than 6
µs.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range
from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage
because very small parametric changes could cause the device not to meet its published specifications. These devices have limited
built-in ESD protection.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F437IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 85P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI-MSP430F437IPN Datasheet
1Mb / 79P
MIXED SIGNAL MICROCONTROLLER
MSP430F437IPN TI1-MSP430F437IPN Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F437IPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com