Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFB750-300S-CMFD Datasheet (PDF) - CINCON ELECTRONICS Corporation

CFB750-300S-CMFD Datasheet PDF - CINCON ELECTRONICS Corporation
Part # CFB750-300S-CMFD
Download  CFB750-300S-CMFD Download
File Size   1090.73 Kbytes
Page   9 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CFB750-300S-CMFD SERIES

CFB750-300S-CMFD Datasheet (PDF)

Go To PDF Page Download Datasheet
CFB750-300S-CMFD Datasheet PDF - CINCON ELECTRONICS Corporation

Part # CFB750-300S-CMFD
Download  CFB750-300S-CMFD Click to download

File Size   1090.73 Kbytes
Page   9 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CFB750-300S-CMFD SERIES

CFB750-300S-CMFD Datasheet (HTML) - CINCON ELECTRONICS Corporation


CFB750-300S-CMFD Product details

Features
⚫ Efficiency Up to 90%
⚫ Fixed Switching Frequency
⚫ Regulated Outputs
⚫ Remote On/Off
⚫ Low No Load Power Consumption
⚫ Fully Protected (OTP/OCP/OVP/UVLO)
⚫ 3000Vac I/O Isolation
⚫ Operating Case Temperature -40 to +80℃
⚫ EN 55032/22 for EMC Characteristic
⚫ Shock & Vibration MIL-STD-810F Compliant
⚫ Fire & Smoke EN 45545-2 Compliant
⚫ Safety Meets IEC/EN/UL 62368-1 Reinforced Insulation
⚫ Build-In EMI Filter
⚫ Chassis Mount, Baseplate Cooled (9.45”×4.33”×1.65”)




Similar Part No. - CFB750-300S-CMFD

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CFB750-300S CINCON-CFB750-300S Datasheet
743Kb / 8P
CFB750-300S SERIES
CFB750-300S12 CINCON-CFB750-300S12 Datasheet
317Kb / 2P
750 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300S12 CINCON-CFB750-300S12 Datasheet
743Kb / 8P
CFB750-300S SERIES
CFB750-300S15 CINCON-CFB750-300S15 Datasheet
317Kb / 2P
750 WATT 2:1 INPUT DC-DC CONVERTERS
CFB750-300S15 CINCON-CFB750-300S15 Datasheet
743Kb / 8P
CFB750-300S SERIES
More results


Similar Description - CFB750-300S-CMFD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TR0636E-20170 HIROSE-TR0636E-20170 Datasheet
167Kb / 6P
IT3D(M)-300S-BGA (37) Lead-Free
TR0636E-20027 HIROSE-TR0636E-20027 Datasheet
543Kb / 6P
IT3D(M)-300S-BGA (57) BGA Shearing Force TEST REPORT
TR0636E-20033 HIROSE-TR0636E-20033 Datasheet
1Mb / 16P
IT3D(M)-300S-BGA (57) Cross Sectioning TEST REPORT
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
PHOENIX CONTACT
2917421 PHOENIX-2917421 Datasheet
74Kb / 4P
Timer relay - ETD-BL-1T-ON-CC-300S
2917544 PHOENIX-2917544 Datasheet
63Kb / 4P
Timer relay - ETD-BL-1T-ON-300S-SP
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com