Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN5630 Datasheet (PDF) - ON Semiconductor

FDN5630 Datasheet PDF - ON Semiconductor
Part # FDN5630
Download  FDN5630 Download
File Size   231.27 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60V N-Channel PowerTrench® MOSFET

FDN5630 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN5630 Datasheet PDF - ON Semiconductor

Part # FDN5630
Download  FDN5630 Click to download

File Size   231.27 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60V N-Channel PowerTrench® MOSFET

FDN5630 Datasheet (HTML) - ON Semiconductor


FDN5630 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.
This MOSFET features very low RDS(ON) in a small SOT23 footprint. Fairchild’s PowerTrench technology provides faster switching than other MOSFETs with comparable RDS(ON) specifications. The result is higher overall efficiency with less board space.

Features
• 1.7 A, 60 V. RDS(ON) = 0.100 Ω @ VGS = 10 V
RDS(ON) = 0.120 Ω @ VGS = 6 V.
• Optimized for use in high frequency DC/DC converters.
• Low gate charge.
• Very fast switching.
• SuperSOTTM - 3 provides low RDS(ON) in SOT23 footprint.

Applications
• DC/DC converter
• Motor drives




Similar Part No. - FDN5630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
60V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN5630 KEXIN-FDN5630 Datasheet
107Kb / 2P
N-Channel PowerTrench MOSFET
FDN5630 KEXIN-FDN5630 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN5630 EVVOSEMI-FDN5630 Datasheet
749Kb / 7P
N-Channel 60-V (D-S) MOSFET
Rev:2023A2
logo
Guangdong Kexin Industr...
FDN5630-3 KEXIN-FDN5630-3 Datasheet
973Kb / 4P
N-Channel MOSFET
More results


Similar Description - FDN5630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
60V N-Channel PowerTrench??MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
60V N-Channel PowerTrench??MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
60V N-Channel PowerTrench??MOSFET
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
60V N-Channel PowerTrench MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
60V N-Channel PowerTrench MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
60V N-Channel PowerTrench MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com