Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62WV12816EBLL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS62WV12816EBLL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS62WV12816EBLL
Download  IS62WV12816EBLL Download
File Size   728.5 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV12816EBLL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS62WV12816EBLL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS62WV12816EBLL
Download  IS62WV12816EBLL Click to download

File Size   728.5 Kbytes
Page   17 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 128Kx16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM

IS62WV12816EBLL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS62WV12816EBLL Product details

FEATURES
 High-speed access time: 45ns, 55ns
 CMOS low power operation
– Operating Current: 18 mA (max) at 85°C
– CMOS Standby Current: 5.4uA (typ) at 25°C
 TTL compatible interface levels
 Single power supply
–1.65V-2.2V VDD (IS62WV12816EALL)
– 2.2V-3.6V VDD (IS62/65WV12816EBLL)
 Three state outputs
 Industrial and Automotive temperature support
 Lead-free available




Similar Part No. - IS62WV12816EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV12816EBLL ISSI-IS62WV12816EBLL Datasheet
1Mb / 17P
Three state outputs
More results


Similar Description - IS62WV12816EBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV2568ALL ISSI-IS62WV2568ALL Datasheet
73Kb / 14P
256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS66WV1M16DALL ISSI-IS66WV1M16DALL Datasheet
607Kb / 15P
16Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216DALL ISSI-IS66WV51216DALL Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
IS66WV51216ALL ISSI-IS66WV51216ALL Datasheet
500Kb / 16P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
List of Unclassifed Man...
IS66WV51216DBLL-55TLI ETC2-IS66WV51216DBLL-55TLI Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS66WV1M16EALL ISSI-IS66WV1M16EALL Datasheet
643Kb / 15P
ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com