Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APW Datasheet (PDF) - Texas Instruments

SN74LVC04APW Datasheet PDF - Texas Instruments
Part # SN74LVC04APW
Download  SN74LVC04APW Download
File Size   2354.68 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC04A Hex Inverters

SN74LVC04APW Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC04APW Datasheet PDF - Texas Instruments

Part # SN74LVC04APW
Download  SN74LVC04APW Click to download

File Size   2354.68 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC04A Hex Inverters

SN74LVC04APW Datasheet (HTML) - Texas Instruments


SN74LVC04APW Product details

1 Features
1• Operate From 1.65 V to 3.6 V
• Specified From –40°C to 85°C,
–40°C to 125°C, and –55°C to 125°C
• Inputs Accept Voltages to 5.5 V
• Maximum tpd of 4.5 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Power Sub-Station Controls
• Ethernet Switches
• Flow Meters
• I/O Modules and Digital PLC/DCS Inputs
• Servers
• Tests and Measurement

3 Description
The SNx4LVC04A hex inverters contains six
independent inverters designed for 2.7-V to 3.6-V VCC
operation, and the SN74LVC04A hex inverter
contains six independent inverters designed for
1.65-V to 3.6-V VCC operation. The SNx4LVC04A
devices perform the Boolean function Y = A.
Inputs can be driven from 1.8-V or 3.3-V devices.
This feature allows the use of these devices as
translators in a mixed 1.8-V or 3.3-V system
environment.




Similar Part No. - SN74LVC04APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC04APW TI-SN74LVC04APW Datasheet
546Kb / 19P
HEX INVERTERS
SN74LVC04APW TI-SN74LVC04APW Datasheet
834Kb / 21P
HEX INVERTERS
SN74LVC04APW TI1-SN74LVC04APW Datasheet
1Mb / 27P
HEX INVERTERS
SN74LVC04APWE4 TI-SN74LVC04APWE4 Datasheet
546Kb / 19P
HEX INVERTERS
SN74LVC04APWE4 TI-SN74LVC04APWE4 Datasheet
834Kb / 21P
HEX INVERTERS
More results


Similar Description - SN74LVC04APW

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com