Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APW Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC04APW
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04APW Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC04APW Datasheet HTML 3Page - Texas Instruments SN74LVC04APW Datasheet HTML 4Page - Texas Instruments SN74LVC04APW Datasheet HTML 5Page - Texas Instruments SN74LVC04APW Datasheet HTML 6Page - Texas Instruments SN74LVC04APW Datasheet HTML 7Page - Texas Instruments SN74LVC04APW Datasheet HTML 8Page - Texas Instruments SN74LVC04APW Datasheet HTML 9Page - Texas Instruments SN74LVC04APW Datasheet HTML 10Page - Texas Instruments SN74LVC04APW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
6.6 Electrical Characteristics – SN54LVC04A
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –100 µA, VCC = 2.7 V to 3.6 V
VCC – 0.2
V
IOH = –12 mA
VCC = 2.7 V
2.2
VCC = 3 V
2.4
IOH = –24 mA, VCC = 3 V
2.2
VOL
Low-level output voltage
IOL = 100 µA, VCC = 2.7 V to 3.6 V
0.2
V
IOL = 12 mA, VCC = 2.7 V
0.4
IOL = 24 mA, VCC = 3 V
0.55
II
Input current
VI = 5.5 V or GND, VCC = 3.6 V
±5
µA
ICC
Supply current
VI = VCC or GND, IO = 0, VCC = 3.6 V
10
µA
ΔICC
Change in supply current
One input at VCC – 0.6 V, Other inputs at VCC or GND,
VCC = 2.7 V to 3.6 V
500
µA
6.7 Electrical Characteristics – SN74LVC04A
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output
voltage
IOH = –100 µA,
VCC = 1.65 V to 3.6 V
TA = 25°C
VCC – 0.2
V
TA = –40°C to 125°C
VCC – 0.3
IOH = –4 mA, VCC = 1.65 V
TA = 25°C
1.29
TA = –40°C to 85°C
1.2
TA = –40°C to 125°C
1.05
IOH = –8 mA, VCC = 2.3 V
TA = 25°C
1.9
TA = –40°C to 85°C
1.7
TA = –40°C to 125°C
1.55
IOH = –12 mA
VCC = 2.7 V
TA = 25°C
2.2
TA = –40°C to 125°C
2.05
VCC = 3 V
TA = 25°C
2.4
TA = –40°C to 125°C
2.25
IOH = –24 mA, VCC = 3 V
TA = 25°C
2.3
TA = –40°C to 85°C
2.2
TA = –40°C to 125°C
2
VOL
Low-level output
voltage
IOL = 100 µA,
VCC = 1.65 V to 3.6 V
TA = 25°C
0.1
V
TA = –40°C to 85°C
0.2
TA = –40°C to 125°C
0.3
IOL = 4 mA, VCC = 1.65 V
TA = 25°C
0.24
TA = –40°C to 85°C
0.45
TA = –40°C to 125°C
0.6
IOL = 8 mA, VCC = 2.3 V
TA = 25°C
0.3
TA = –40°C to 85°C
0.7
TA = –40°C to 125°C
0.85
IOL = 12 mA, VCC = 2.7 V
TA = 25°C
0.4
TA = –40°C to 125°C
0.6
IOL = 24 mA, VCC = 3 V
TA = 25°C
0.55
TA = –40°C to 125°C
0.8
II
Input current
VI = 5.5 V or GND, VCC = 3.6 V
TA = 25°C
±1
µA
TA = –40°C to 85°C
±5
TA = –40°C to 125°C
±20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com