Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC04APW Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC04APW
Description  SNx4LVC04A Hex Inverters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC04APW Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC04APW Datasheet HTML 7Page - Texas Instruments SN74LVC04APW Datasheet HTML 8Page - Texas Instruments SN74LVC04APW Datasheet HTML 9Page - Texas Instruments SN74LVC04APW Datasheet HTML 10Page - Texas Instruments SN74LVC04APW Datasheet HTML 11Page - Texas Instruments SN74LVC04APW Datasheet HTML 12Page - Texas Instruments SN74LVC04APW Datasheet HTML 13Page - Texas Instruments SN74LVC04APW Datasheet HTML 14Page - Texas Instruments SN74LVC04APW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Y
A
Copyright © 2016, Texas Instruments Incorporated
11
SN54LVC04A, SN74LVC04A
www.ti.com
SCAS281T – JANUARY 1993 – REVISED NOVEMBER 2016
Product Folder Links: SN54LVC04A SN74LVC04A
Submit Documentation Feedback
Copyright © 1993–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
These hex inverters are designed for 1.65-V to 3.6-V VCC operation. The SN74LVC04A devices contain six
independent inverters. These devices perform the Boolean function Y = A. These devices are fully specified for
partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current
backflow through the devices when they are powered down. The inputs are high impedance when VCC = 0V.
8.2 Functional Block Diagram
8.3 Feature Description
Wide operating voltage range from 1.65 V to 3.6 V. Allows down-voltage translation with inputs accept voltages
to 3.6 V. IOFF feature supports live insertion, partial power down mode, and back drive protection.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SNx4LVC04A.
Table 1. Function Table
(Each Inverter)
INPUT
A
OUTPUT
Y
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com