Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1089135 Datasheet (PDF) - PHOENIX CONTACT

1089135 Datasheet PDF - PHOENIX CONTACT
Part # 1089135
Download  1089135 Download
File Size   378.83 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2506-2SFP PN - Industrial Ethernet Switch

1089135 Datasheet (PDF)

Go To PDF Page Download Datasheet
1089135 Datasheet PDF - PHOENIX CONTACT

Part # 1089135
Download  1089135 Click to download

File Size   378.83 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FL SWITCH 2506-2SFP PN - Industrial Ethernet Switch

1089135 Datasheet (HTML) - PHOENIX CONTACT


1089135 Product details

Managed Switch 2000 series, 6 RJ45 ports 10/100/1000 Mbps, 2 SFP ports 100/1000 Mbps,
degree of protection: IP20, Ambient temperature (operation): -40 °C ... 70 °C, Supply voltage
range: 19 V DC ... 32 V DC, PROFINET Conformance Class B, Extended temperature range,
PROFINET mode preset, PROFINET status LEDs, Development process certified in accordance
with IEC 62443-4-1, Compatible with IEC 62443-4-2




Similar Part No. - 1089135

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1089133 PHOENIX-1089133 Datasheet
375Kb / 11P
FL SWITCH 2408 PN - Industrial Ethernet Switch
1089134 PHOENIX-1089134 Datasheet
375Kb / 11P
FL SWITCH 2508 PN - Industrial Ethernet Switch
1089139 PHOENIX-1089139 Datasheet
386Kb / 11P
FL SWITCH 2414-2SFX PN - Industrial Ethernet Switch
More results


Similar Description - 1089135

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702970 PHOENIX-2702970 Datasheet
83Kb / 5P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP
1026765 PHOENIX-1026765 Datasheet
153Kb / 14P
Industrial Ethernet Switch - FL SWITCH 1000T2POEGT-2SFP
09/12/2020
1249598 PHOENIX-1249598 Datasheet
761Kb / 25P
Industrial Ethernet Switch - FL SWITCH 1012NT-2SFP
Nov 16, 2022
1006191 PHOENIX-1006191 Datasheet
889Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP
Dec 2, 2022
1009222 PHOENIX-1009222 Datasheet
876Kb / 27P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN
Dec 2, 2022
1089154 PHOENIX-1089154 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP PN
Dec 2, 2022
1031673 PHOENIX-1031673 Datasheet
694Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2316 PN
Dec 2, 2022
1031683 PHOENIX-1031683 Datasheet
888Kb / 26P
Industrial Ethernet Switch - FL SWITCH 2314-2SFP PN
Dec 2, 2022
1043499 PHOENIX-1043499 Datasheet
1Mb / 33P
Industrial Ethernet Switch - FL SWITCH 2514-2SFP
Dec 2, 2022
1085171 PHOENIX-1085171 Datasheet
887Kb / 29P
Industrial Ethernet Switch - FL SWITCH 1105N-2SFP
Dec 2, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com