Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64AL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61C64AL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61C64AL
Download  IS61C64AL Download
File Size   526.13 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C64AL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61C64AL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61C64AL
Download  IS61C64AL Click to download

File Size   526.13 Kbytes
Page   11 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 8K x 8 HIGH-SPEED CMOS STATIC RAM

IS61C64AL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61C64AL Product details

FEATURES
• High-speed access time: 10 ns
• CMOS low power operation
— 1 mW (typical) CMOS standby
— 125 mW (typical) operating
• TTL compatible interface levels
• Single 5V power supply
• Fully static operation: no clock or refresh
required
• Lead-free available




Similar Part No. - IS61C64AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JI ISSI-IS61C64AL-10JI Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JI ISSI-IS61C64AL-10JI Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JLI ISSI-IS61C64AL-10JLI Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Similar Description - IS61C64AL

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
CMOS 64K (8K x 8) Static RAM
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
8K X 8 CMOS STATIC RAM
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
8K * 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com