Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF0208-SP Datasheet (PDF) - Texas Instruments

TRF0208-SP Datasheet PDF - Texas Instruments
Part # TRF0208-SP
Download  TRF0208-SP Download
File Size   1146.76 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF0208-SEP Radiation-Tolerant, Near-DC to 11GHz, Fully Differential RF Amplifier

TRF0208-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF0208-SP Datasheet PDF - Texas Instruments

Part # TRF0208-SP
Download  TRF0208-SP Click to download

File Size   1146.76 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF0208-SEP Radiation-Tolerant, Near-DC to 11GHz, Fully Differential RF Amplifier

TRF0208-SP Datasheet (HTML) - Texas Instruments


TRF0208-SP Product details

1 Features
• Vendor item drawing available, VID V62/23605
• Radiation:
– Total ionizing dose (TID)
• Radiation hardness assurance (RHA) up to
30krad (Si) TID
• Enhanced low dose rate sensitivity (ELDRS)
free process
• High dose rate radiation lot acceptance
testing (HDR RLAT) up to 30krad (Si) TID
– Single event effects (SEE)
• Single event latch-up (SEL) immune
to linear energy transfer (LET) of
43MeV‑cm2/mg
• Single event transient (SET) characterized
to LET of 43MeV‑cm2/mg
• Space-enhanced plastic (SEP)
– Lead-free construction
– Extended temperature range: –55°C to +125°C
• Excellent performance driving RF ADCs
• Fixed power gain of 16dB in single-ended-todifferential
mode
• Bandwidth: 11GHz, 3dB
• Gain flatness: 8GHz, 1dB
• OIP3: 36dBm (2GHz), 32dBm (6GHz)
• P1dB: 14.5dBm (2GHz), 11dBm (6GHz)
• NF: 6.8dB (2GHz), 6.8dB (6GHz)
• Gain and phase imbalance: ±0.3dB and ±3º
• Power-down feature
• Single-supply operation: 3.3V
• Active current: 138mA

2 Applications
• RF sampling or GSPS ADC driver
• Aerospace and defense
• Phased array radar
• Communications payload
• Radar imaging payload
• Radiation tolerant applications

3 Description
The TRF0208-SEP is a very high performance
fully differential amplifier (FDA) optimized for radio
frequency (RF) applications. This device is excellent
for ac-coupled applications that require a singleended
to differential conversion when driving an
analog-to-digital converter (ADC) such as the highperformance
AFE7950-SEP or ADC12DJ5200-SEP.
The on-chip matching components simplify printed
circuit board (PCB) implementation and provide the
highest performance over the usable bandwidth. The
device is fabricated in Texas Instruments’ advanced
complementary BiCMOS process and is available in a
space-saving, WQFN-FCRLF package.
The TRF0208-SEP operates on a single-rail supply
and consumes about 138mA of active current. A
power-down feature is available for power saving.




Similar Part No. - TRF0208-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF0208-SP TI1-TRF0208-SP Datasheet
1Mb / 29P
TRF0208-SP Radiation-Hardness-Assured (RHA), Near-DC to 11GHz, Fully Differential RF Amplifier
JUNE 2024
More results


Similar Description - TRF0208-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4511-SP TI1-THS4511-SP Datasheet
850Kb / 24P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
THS4513-SP TI1-THS4513-SP Datasheet
1Mb / 30P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4511-SP NSC-THS4511-SP Datasheet
811Kb / 25P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4511-SP TI-THS4511-SP_V01 Datasheet
914Kb / 25P
RAD-TOLERANT CLASS V, WIDEBAND, FULLY DIFFERENTIAL AMPLIFIER
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
SN54SC3T97-SEP TI-SN54SC3T97-SEP Datasheet
990Kb / 21P
SN54SC3T97-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
SN54SC3T98-SEP TI-SN54SC3T98-SEP Datasheet
998Kb / 21P
SN54SC3T98-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
SN54SC3T97-SEP TI1-SN54SC3T97-SEP_V01 Datasheet
1Mb / 25P
SN54SC3T97-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
SN54SC3T98-SEP TI1-SN54SC3T98-SEP_V01 Datasheet
1Mb / 25P
SN54SC3T98-SEP Radiation Tolerant, Configurable Multiple-Function Gate
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com