Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet (PDF) - Texas Instruments

TL072M Datasheet PDF - Texas Instruments
Part # TL072M
Download  TL072M Download
File Size   5911.09 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL07xx Low-Noise, FET-Input Operational Amplifiers

TL072M Datasheet (PDF)

Go To PDF Page Download Datasheet
TL072M Datasheet PDF - Texas Instruments

Part # TL072M
Download  TL072M Click to download

File Size   5911.09 Kbytes
Page   89 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TL07xx Low-Noise, FET-Input Operational Amplifiers

TL072M Datasheet (HTML) - Texas Instruments


TL072M Product details

1 Features
. High slew rate: 20V/μs (TL07xH, typ)
. Low offset voltage: 1mV (TL07xH, typ)
. Low offset voltage drift: 2μV/°C
. Low power consumption: 940μA/ch (TL07xH, typ)
. Wide common-mode and differential
voltage ranges
. Common-mode input voltage range
includes VCC+
. Low input bias and offset currents
. Low noise:
. Vn = 37nV/√Hz (typ) at f = 1kHz
. Output short-circuit protection
. Low total harmonic distortion: 0.003% (typ)
. Wide supply voltage:
. ±2.25V to ±20V, 4.5V to 40V

2 Applications
. Solar energy: string and central inverter
. Motor drives: ac and servo drive control and
power-stage modules
. Single-phase online UPS
. Three-phase UPS
. Pro audio mixers
. Battery test equipment

3 Description
The TL071H, TL072H, and TL074H (TL07xH) family
of devices are next-generation versions of the
industry-standard TL071, TL072, and TL074 (TL07x)
devices. These devices provide outstanding value for
cost-sensitive applications, with features including low
offset (1mV, typical), high slew rate (20V/μs), and
common-mode input to the positive supply.
High ESD (1.5kV, HBM), integrated EMI and RF
filters, and operation across the full .40°C to +125°C
range enable the TL07xH devices for use in the most
rugged and demanding applications.




Similar Part No. - TL072M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL072M STMICROELECTRONICS-TL072M Datasheet
115Kb / 9P
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Dec-1998
logo
Texas Instruments
TL072M TI-TL072M Datasheet
864Kb / 20P
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIER
TL072M TI1-TL072M Datasheet
2Mb / 51P
Low-Noise JFET-Input Operational Amplifiers
TL072M TI1-TL072M Datasheet
2Mb / 68P
Low-Noise JFET-Input Operational Amplifiers
TL072M TI-TL072M Datasheet
2Mb / 69P
TL07xx Low-Noise JFET-Input Operational Amplifiers
More results


Similar Description - TL072M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_V01 Datasheet
2Mb / 69P
TL07xx Low-Noise JFET-Input Operational Amplifiers
TL072 TI-TL072_V01 Datasheet
4Mb / 80P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V02 Datasheet
4Mb / 75P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V03 Datasheet
5Mb / 84P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V04 Datasheet
5Mb / 88P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V05 Datasheet
5Mb / 90P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V06 Datasheet
5Mb / 87P
TL07xx Low-Noise FET-Input Operational Amplifiers
TL071 TI-TL071_V07 Datasheet
5Mb / 93P
TL07xx Low-Noise FET-Input Operational Amplifiers
DECEMBER 2021
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com