Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 3 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 3 Page - Texas Instruments

  TL072M Datasheet HTML 1Page - Texas Instruments TL072M Datasheet HTML 2Page - Texas Instruments TL072M Datasheet HTML 3Page - Texas Instruments TL072M Datasheet HTML 4Page - Texas Instruments TL072M Datasheet HTML 5Page - Texas Instruments TL072M Datasheet HTML 6Page - Texas Instruments TL072M Datasheet HTML 7Page - Texas Instruments TL072M Datasheet HTML 8Page - Texas Instruments TL072M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
4 Pin Configuration and Functions
1
OUT
2
VCC–
3
IN+
4
IN–
5
VCC+
Not to scale
Figure 4-1. TL071H DBV Package, 5-Pin SOT-23
(Top View)
1
IN+
2
VCC–
3
IN–
4
OUT
5
VCC+
Not to scale
Figure 4-2. TL071H DCK Package, 5-Pin SC70
(Top View)
1
NC
8
NC
2
IN–
7
VCC+
3
IN+
6
OUT
4
VCC–
5
NC
Not to scale
Figure 4-3. TL071x D Package, 8-Pin SOIC
and P Package, 8-pin PDIP
(Top View)
Table 4-1. Pin Functions: TL071x
PIN
TYPE
DESCRIPTION
NAME
NO.
DBV
(SOT-23)
DCK
(SC70)
D
(SOIC)
P
(PDIP)
IN–
4
3
2
2
Input
Inverting input
IN+
3
1
3
3
Input
Noninverting input
NC
—
—
8
8
—
Do not connect
NC
—
—
1
1
—
Do not connect
NC
—
—
5
5
—
Do not connect
OUT
1
4
6
6
Output
Output
VCC–
2
2
4
4
—
Power supply
VCC+
5
5
7
7
—
Power supply
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com