Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 11 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL072M Datasheet HTML 7Page - Texas Instruments TL072M Datasheet HTML 8Page - Texas Instruments TL072M Datasheet HTML 9Page - Texas Instruments TL072M Datasheet HTML 10Page - Texas Instruments TL072M Datasheet HTML 11Page - Texas Instruments TL072M Datasheet HTML 12Page - Texas Instruments TL072M Datasheet HTML 13Page - Texas Instruments TL072M Datasheet HTML 14Page - Texas Instruments TL072M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
5.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (VCC+) – (VCC–)
All NS and PS packages; All TL07xM devices(1)
10
30
V
All other devices
4.5
40
VI
Input voltage
All NS and PS packages; All TL07xM devices
(VCC–) + 2
(VCC+) + 0.1
V
All other devices
(VCC–) + 4
(VCC+) + 0.1
TA
Specified temperature(2)
TL07xM
–55
125
°C
TL07xH
–40
125
TL07xI
–40
85
TL07xC
0
70
(1)
VCC+ and VCC– are not required to be of equal magnitude, provided that the total VS ((VCC+) – (VCC–)) is between 10 V and 30 V.
(2)
See also Section 9.1.1.
5.4 Thermal Information for Single Channel
THERMAL METRIC(1)
TL071xx
UNIT
D
(SOIC)
DCK
(SC70)
DBV
(SOT-23)
P
(PDIP)
PS
(SO)
8 PINS
5 PINS
5 PINS
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
158.8
217.5
212.2
85
95
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
98.6
113.1
111.1
–
–
°C/W
RθJB
Junction-to-board thermal resistance
102.3
63.8
79.4
–
–
°C/W
ψJT
Junction-to-top characterization parameter
45.8
34.8
51.8
–
–
°C/W
ψJB
Junction-to-board characterization parameter
101.5
63.5
79.0
–
–
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
N/A
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
5.5 Thermal Information for Dual Channel
THERMAL METRIC(1)
TL072xx
UNIT
D
(SOIC)
DDF
(SOT-23)
FK
(LCCC)
JG
(CDIP)
P
(PDIP)
PS
(SO)
PW
(TSSOP)
U
(CFP)
8 PINS
8 PINS
20 PINS
8 PINS
8 PINS
8 PINS
8 PINS
10 PINS
RθJA
Junction-to-ambient
thermal resistance
147.8
181.5
–
–
85
95
200.3
169.8
°C/W
RθJC(top)
Junction-to-case (top)
thermal resistance
88.2
112.5
5.61
15.05
–
–
89.4
62.1
°C/W
RθJB
Junction-to-board
thermal resistance
91.4
98.2
–
–
–
–
131.0
176.2
°C/W
ψJT
Junction-to-top
characterization
parameter
36.8
17.2
–
–
–
–
22.2
48.4
°C/W
ψJB
Junction-to-board
characterization
parameter
90.6
97.6
–
–
–
–
129.3
144.1
°C/W
RθJC(bot)
Junction-to-case
(bottom) thermal
resistance
N/A
N/A
–
–
–
–
N/A
5.4
°C/W
(1)
For information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report.
www.ti.com
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com