Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 83 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 83 Page - Texas Instruments

Back Button TL072M Datasheet HTML 79Page - Texas Instruments TL072M Datasheet HTML 80Page - Texas Instruments TL072M Datasheet HTML 81Page - Texas Instruments TL072M Datasheet HTML 82Page - Texas Instruments TL072M Datasheet HTML 83Page - Texas Instruments TL072M Datasheet HTML 84Page - Texas Instruments TL072M Datasheet HTML 85Page - Texas Instruments TL072M Datasheet HTML 86Page - Texas Instruments TL072M Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
C
12X 0.65
2X
3.9
14X
0.30
0.17
6.6
6.2
TYP
1.2 MAX
0.15
0.05
0.25
GAGE PLANE
0 -8
4X (0 -12 )
B
4.5
4.3
NOTE 4
A
5.1
4.9
NOTE 3
0.75
0.50
(0.15) TYP
TSSOP - 1.2 mm max height
PW0014A
SMALL OUTLINE PACKAGE
4220202/B 12/2023
1
7
8
14
0.1
C A B
PIN 1 INDEX AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MO-153.
SEATING
PLANE
A 20
DETAIL A
TYPICAL
SCALE 2.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com