Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 36 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 36 Page - Texas Instruments

Back Button TL072M Datasheet HTML 32Page - Texas Instruments TL072M Datasheet HTML 33Page - Texas Instruments TL072M Datasheet HTML 34Page - Texas Instruments TL072M Datasheet HTML 35Page - Texas Instruments TL072M Datasheet HTML 36Page - Texas Instruments TL072M Datasheet HTML 37Page - Texas Instruments TL072M Datasheet HTML 38Page - Texas Instruments TL072M Datasheet HTML 39Page - Texas Instruments TL072M Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Nov-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
81023052A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
81023052A
TL072MFKB
8102305HA
Active
Production
CFP (U) | 10
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8102305HA
TL072M
8102305PA
Active
Production
CDIP (JG) | 8
50 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8102305PA
TL072M
81023062A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
81023062A
TL074MFKB
8102306CA
Active
Production
CDIP (J) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8102306CA
TL074MJB
8102306DA
Active
Production
CFP (W) | 14
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
8102306DA
TL074MWB
JM38510/11905BPA
Active
Production
CDIP (JG) | 8
50 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510
/11905BPA
JM38510/11905BPA.A
Active
Production
CDIP (JG) | 8
50 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510
/11905BPA
M38510/11905BPA
Active
Production
CDIP (JG) | 8
50 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
JM38510
/11905BPA
TL071ACDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
071AC
TL071ACDR.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
071AC
TL071ACP
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL071ACP
TL071ACP.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL071ACP
TL071BCDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
071BC
TL071BCDR.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
071BC
TL071BCP
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL071BCP
TL071BCP.A
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL071BCP
TL071CDR
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL071C
TL071CDR.A
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL071C
TL071CDRE4
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
-
Call TI
Call TI
0 to 70
TL071CDRG4
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
-
Call TI
Call TI
0 to 70
TL071CP
Active
Production
PDIP (P) | 8
50 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL071CP
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com