Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 52 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 52 Page - Texas Instruments

Back Button TL072M Datasheet HTML 48Page - Texas Instruments TL072M Datasheet HTML 49Page - Texas Instruments TL072M Datasheet HTML 50Page - Texas Instruments TL072M Datasheet HTML 51Page - Texas Instruments TL072M Datasheet HTML 52Page - Texas Instruments TL072M Datasheet HTML 53Page - Texas Instruments TL072M Datasheet HTML 54Page - Texas Instruments TL072M Datasheet HTML 55Page - Texas Instruments TL072M Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22
0.08
TYP
0.25
3.0
2.6
2X 0.95
1.9
1.45
0.90
0.15
0.00
TYP
5X
0.5
0.3
0.6
0.3
TYP
8
0
TYP
1.9
(0.1)
(0.15)
4X 0 -15
4X 4 -15
A
3.05
2.75
B
1.75
1.45
(1.1)
SOT-23 - 1.45 mm max height
DBV0005A
SMALL OUTLINE TRANSISTOR
4214839/K 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Refernce JEDEC MO-178.
4. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.25 mm per side.
5. Support pin may differ or may not be present.
0.2
C A B
1
3
4
5
2
INDEX AREA
PIN 1
NOTE 5
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com