Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 40 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 40 Page - Texas Instruments

Back Button TL072M Datasheet HTML 36Page - Texas Instruments TL072M Datasheet HTML 37Page - Texas Instruments TL072M Datasheet HTML 38Page - Texas Instruments TL072M Datasheet HTML 39Page - Texas Instruments TL072M Datasheet HTML 40Page - Texas Instruments TL072M Datasheet HTML 41Page - Texas Instruments TL072M Datasheet HTML 42Page - Texas Instruments TL072M Datasheet HTML 43Page - Texas Instruments TL072M Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 89 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Nov-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
TL074CN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
0 to 70
TL074CN
TL074CNSR
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL074
TL074CNSR.A
Active
Production
SOP (NS) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
TL074
TL074CPW
Obsolete
Production
TSSOP (PW) | 14
-
-
Call TI
Call TI
0 to 70
T074
TL074CPWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
T074
TL074CPWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
T074
TL074CPWRE4
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
T074
TL074CPWRG4
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
0 to 70
T074
TL074HIDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074HID
TL074HIDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074HID
TL074HIDR.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
-
Call TI
Call TI
-40 to 125
TL074HIDRG4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074HID
TL074HIDRG4.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074HID
TL074HIDYYR
Active
Production
SOT-23-THIN
(DYY) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T074HDYY
TL074HIDYYR.A
Active
Production
SOT-23-THIN
(DYY) | 14
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T074HDYY
TL074HIPWR
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074PW
TL074HIPWR.A
Active
Production
TSSOP (PW) | 14
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
TL074PW
TL074ID
Obsolete
Production
SOIC (D) | 14
-
-
Call TI
Call TI
-40 to 85
TL074I
TL074IDR
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL074I
TL074IDR.A
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL074I
TL074IDR.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
-
Call TI
Call TI
-40 to 85
TL074IDRE4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL074I
TL074IDRG4
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
TL074I
TL074IN
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL074IN
TL074IN.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL074IN
TL074ING4
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL074IN
TL074ING4.A
Active
Production
PDIP (N) | 14
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 85
TL074IN
TL074MFK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
TL074MFK
TL074MFK.A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
TL074MFK
Addendum-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com