Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072M Datasheet(PDF) 30 Page - Texas Instruments

Part # TL072M
Description  TL07xx Low-Noise, FET-Input Operational Amplifiers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL072M Datasheet(HTML) 30 Page - Texas Instruments

Back Button TL072M Datasheet HTML 26Page - Texas Instruments TL072M Datasheet HTML 27Page - Texas Instruments TL072M Datasheet HTML 28Page - Texas Instruments TL072M Datasheet HTML 29Page - Texas Instruments TL072M Datasheet HTML 30Page - Texas Instruments TL072M Datasheet HTML 31Page - Texas Instruments TL072M Datasheet HTML 32Page - Texas Instruments TL072M Datasheet HTML 33Page - Texas Instruments TL072M Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 89 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
A typical application for an operational amplifier is an inverting amplifier. This amplifier takes a positive voltage
on the input, and makes the voltage a negative voltage. In the same manner, the amplifier makes negative
voltages positive.
8.2 Typical Applications
8.2.1 Inverting Amplifier
Vsup+
+
VOUT
RF
VIN
RI
Vsup-
Figure 8-1. Inverting Amplifier
8.2.1.1 Design Requirements
The supply voltage must be selected so the supply voltage is larger than the input voltage range and output
range. For instance, this application scales a signal of ±0.5 V to ±1.8 V. Setting the supply at ±12 V is sufficient
to accommodate this application.
8.2.1.2 Detailed Design Procedure
Determine the gain required by the inverting amplifier:
AV=VOUTVIN 
(1)
AV= 1.8−0.5 = −3.6
(2)
After the desired gain is determined, select a value for RI or RF. Selecting a value in the kilohm range is
desirable because the amplifier circuit uses currents in the milliamp range. This example uses 10 kΩ for RI,
which means 36 kΩ is used for RF. The gain is determined by Equation 3.
AV=−RFRI 
(3)
TL071, TL071A, TL071B, TL071H
TL072, TL072A, TL072B, TL072H, TL072M
TL074, TL074A, TL074B, TL074H, TL074M
SLOS080W – SEPTEMBER 1978 – REVISED JULY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TL071 TL071A TL071B TL071H TL072 TL072A TL072B TL072H TL072M TL074 TL074A TL074B TL074H TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com