Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042 Datasheet (PDF) - Texas Instruments

TLV9042 Datasheet PDF - Texas Instruments
Part # TLV9042
Download  TLV9042 Download
File Size   5507.79 Kbytes
Page   78 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications

TLV9042 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV9042 Datasheet PDF - Texas Instruments

Part # TLV9042
Download  TLV9042 Click to download

File Size   5507.79 Kbytes
Page   78 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications

TLV9042 Datasheet (HTML) - Texas Instruments


TLV9042 Product details

1 Features
• Low power CMOS amplifier for cost-optimized
applications
• Operational from supply voltage as low as 1.2 V
• Low input bias current: 1-pA typical, 12-pA
maximum
• Low quiescent current: 10 μA/ch
• Low integrated noise of 6.5 μVp-p in 0.1 Hz – 10 Hz
• Rail-to-rail input and output
• High gain bandwidth product: 350 kHz
• Thermal noise floor: 64 nV/√Hz
• Low input offset voltage: ±0.6 mV
• Unity-gain stable
• Robustly drives 100 pF of load capacitance
• Internal RFI and EMI filtered input pins
• Wide specified temperature range: –40°C to 125°C

2 Applications
• Portable electronics
• Wearable fitness and activity monitor
• Headsets/headphones and earbuds
• Personal electronics
• Building automation
• Wearables (non-medical)
• Motion detector (PIR, uWave, etc.)
• Electronic point of sales (EPOS)
• Single-supply, low-side, unidirectional currentsensing
circuit

3 Description
The low-power TLV904x family includes single
(TLV9041), dual (TLV9042), and quad-channel
(TLV9044) ultra-low-voltage (1.2 V to 5.5 V)
operational amplifiers (op-amps) with rail-to-rail input
and output swing capabilities. The TLV904x enables
power savings both with its low quiescent current
(10 μA, typ.) and the ability to operate at supply
voltages as low as 1.2 V, making it one of the few
amplifiers in the industry capable of 1.5-V coin cell
applications. Further power savings can be achieved
using the shutdown mode (TLV9041S, TLV9042S,
and TLV9044S) that allows the amplifiers to be
switched off and enter into a standby mode with
typical current consumption of less than 150 nA.
These devices offer a cost-effective amplifier solution
for power and space-constrained applications such
as battery-powered IoT devices, wearable electronics,
and personal electronics where low-voltage operation
is crucial.
The robust design of the TLV904x family simplifies
circuit design. These op-amps feature an integrated
RFI and EMI rejection filter, unity-gain stability, and
no-phase reversal in input overdrive conditions. The
device also delivers excellent AC performance with
a gain bandwidth of 350 kHz and a high cap load
drive of 100 pF, enabling designers to achieve both
improved performance and lower power consumption.
Space-saving micro-size packages, such as X2QFN
and WSON, are offered for all channel variants
(single, dual, and quad), along with industry-standard
packages such as SOIC, VSSOP, TSSOP, and
SOT-23 packages.




Similar Part No. - TLV9042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9042 TI1-TLV9042 Datasheet
943Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042 Datasheet
944Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042 Datasheet
1Mb / 28P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI-TLV9042 Datasheet
4Mb / 54P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI-TLV9042 Datasheet
4Mb / 62P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
More results


Similar Description - TLV9042

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
DS14C232J ROCHESTER-DS14C232J Datasheet
630Kb / 1P
LOW POWER LINE TRANSCEIVER ideal for battery conscious applications
logo
Texas Instruments
TLV9042 TI1-TLV9042 Datasheet
943Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V01 Datasheet
944Kb / 25P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI1-TLV9042_V02 Datasheet
1Mb / 28P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9042 TI-TLV9042_V03 Datasheet
4Mb / 54P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041 Datasheet
4Mb / 62P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V01 Datasheet
5Mb / 63P
TLV904x Micro-power, 1.2-V, RRIO, 350-kHz Operational Amplifier for Cost-Sensitive Applications
TLV9041 TI-TLV9041_V02 Datasheet
5Mb / 67P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
REVISED AUGUST 2021
TLV9041 TI-TLV9041_V03 Datasheet
5Mb / 61P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
TLV9041 TI-TLV9041_V04 Datasheet
5Mb / 72P
TLV904x 1.2-V Ultra Low Voltage, 10關A Micro-Power RRIO Amplifier for Power Conscious Applications
MARCH 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com