Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV9042
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9042 Datasheet(HTML) 2 Page - Texas Instruments

  TLV9042 Datasheet HTML 1Page - Texas Instruments TLV9042 Datasheet HTML 2Page - Texas Instruments TLV9042 Datasheet HTML 3Page - Texas Instruments TLV9042 Datasheet HTML 4Page - Texas Instruments TLV9042 Datasheet HTML 5Page - Texas Instruments TLV9042 Datasheet HTML 6Page - Texas Instruments TLV9042 Datasheet HTML 7Page - Texas Instruments TLV9042 Datasheet HTML 8Page - Texas Instruments TLV9042 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 7
7.1 Absolute Maximum Ratings........................................ 7
7.2 ESD Ratings .............................................................. 7
7.3 Recommended Operating Conditions.........................7
7.4 Thermal Information for Single Channel..................... 7
7.5 Thermal Information for Dual Channel........................8
7.6 Thermal Information for Quad Channel...................... 8
7.7 Electrical Characteristics.............................................9
7.8 Typical Characteristics.............................................. 11
8 Detailed Description......................................................19
8.1 Overview................................................................... 19
8.2 Functional Block Diagram......................................... 19
8.3 Feature Description...................................................20
8.4 Device Functional Modes..........................................24
9 Application and Implementation.................................. 25
9.1 Application Information............................................. 25
9.2 Typical Application.................................................... 25
10 Power Supply Recommendations..............................28
11 Layout........................................................................... 29
11.1 Layout Guidelines................................................... 29
11.2 Layout Example...................................................... 29
12 Device and Documentation Support..........................31
12.1 Documentation Support.......................................... 31
12.2 Receiving Notification of Documentation Updates..31
12.3 Support Resources................................................. 31
12.4 Electrostatic Discharge Caution..............................31
12.5 Glossary..................................................................31
13 Mechanical, Packaging, and Orderable
Information.................................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (February 2022) to Revision G (March 2022)
Page
• Updated Device Information section for X2SON (5) RTM.................................................................................. 1
• Updated Device Comparison section for TLV9041IDPWR RTM........................................................................ 3
• Added Thermal Information for TLV9041 DPW package to the Thermal Information for Single Channel
section ............................................................................................................................................................... 7
Changes from Revision E (August 2021) to Revision F (February 2022)
Page
• Updated Device Comparison section for TLV9044IDYYR RTM......................................................................... 3
• Added Thermal Information for TLV9044 DYY package to the Thermal Information for Quad Channel section
............................................................................................................................................................................7
Changes from Revision D (August 2021) to Revision E (August 2021)
Page
• Added Thermal Information for TLV9042 DGK package to the Thermal Information for Dual Channel section ..
7
TLV9041, TLV9042, TLV9044
SBOS836G – MARCH 2020 – REVISED MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLV9041 TLV9042 TLV9044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com