Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9042 Datasheet(PDF) 49 Page - Texas Instruments

Part # TLV9042
Description  TLV904x 1.2-V Ultra Low Voltage, 10μA Micro-Power RRIO Amplifier for Power Conscious Applications
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9042 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLV9042 Datasheet HTML 45Page - Texas Instruments TLV9042 Datasheet HTML 46Page - Texas Instruments TLV9042 Datasheet HTML 47Page - Texas Instruments TLV9042 Datasheet HTML 48Page - Texas Instruments TLV9042 Datasheet HTML 49Page - Texas Instruments TLV9042 Datasheet HTML 50Page - Texas Instruments TLV9042 Datasheet HTML 51Page - Texas Instruments TLV9042 Datasheet HTML 52Page - Texas Instruments TLV9042 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
www.ti.com
PACKAGE OUTLINE
1.6
1.4
2.1
1.9
0.40
0.34
0.05
0.00
2X 1.5
6X 0.5
10X
0.45
0.35
4X
0.25
0.15
2X
0.35
0.25
4X
0.3
0.2
0.1 MIN
SIDE WALL
WETTABLE FLANK
(0.127) TYP
X2QFN - 0.4 mm max height
RUG0010B
PLASTIC QUAD FLATPACK - NO LEAD
4220582/B 05/2025
0.05 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Minimum 0.1 mm solder wetting on pin side wall. Available for wettable flank version only.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.1)
SYMM
SYMM
1
4
5
6
9
10
0.1
C A B
0.05
C
0.1
C A B
0.05
C
0.1
C A B
0.05
C
SCALE 7.500
50.000
OPTIONAL: SIDE WALL PIN DETAIL
NOTE 3
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com