Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1826130 Datasheet (PDF) - PHOENIX CONTACT

1826130 Datasheet PDF - PHOENIX CONTACT
Part # 1826130
Download  1826130 Download
File Size   1768.67 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 4-ST RD - PCB connector

1826130 Datasheet (PDF)

Go To PDF Page Download Datasheet
1826130 Datasheet PDF - PHOENIX CONTACT

Part # 1826130
Download  1826130 Click to download

File Size   1768.67 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5/ 4-ST RD - PCB connector

1826130 Datasheet (HTML) - PHOENIX CONTACT


1826130 Product details

PCB connector, nominal cross section: 2.5 mm2, color: red, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MSTB 2,5/..
-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5, locking: without, mounting method: without, type of packaging: packed in
cardboard




Similar Part No. - 1826130

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1826160 PHOENIX-1826160 Datasheet
73Kb / 4P
Base strip - MSTBV 2,5/ 8-G GY
More results


Similar Description - 1826130

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037096 PHOENIX-3037096 Datasheet
178Kb / 6P
ST 2,5 RD
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1703379 PHOENIX-1703379 Datasheet
448Kb / 16P
Printed-circuit board connector - MSTB 2,5/ 3-ST-5,08 RD
1741377 PHOENIX-1741377 Datasheet
443Kb / 16P
Printed-circuit board connector - MSTB 2,5/ 2-ST-5,08 RD
1756126 PHOENIX-1756126 Datasheet
104Kb / 2P
MSTB 2,5/ 4-ST OG
1756168 PHOENIX-1756168 Datasheet
104Kb / 2P
MSTB 2,5/ 6-ST RD
1983003 PHOENIX-1983003 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 3-ST RD
1754821 PHOENIX-1754821 Datasheet
1Mb / 22P
PCB connector - MSTB 2,5/21-ST
Nov 30, 2022
1754847 PHOENIX-1754847 Datasheet
1Mb / 21P
PCB connector - MSTB 2,5/22-ST
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com