Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1958245 Datasheet (PDF) - PHOENIX CONTACT

1958245 Datasheet PDF - PHOENIX CONTACT
Part # 1958245
Download  1958245 Download
File Size   208.96 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTB 2,5/ 4-G-5,08 ABGY AU - Feed-through header

1958245 Datasheet (PDF)

Go To PDF Page Download Datasheet
1958245 Datasheet PDF - PHOENIX CONTACT

Part # 1958245
Download  1958245 Click to download

File Size   208.96 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DFK-MSTB 2,5/ 4-G-5,08 ABGY AU - Feed-through header

1958245 Datasheet (HTML) - PHOENIX CONTACT


1958245 Product details

Feed-through header, nominal cross section: 2.5 mm2, color: agate gray, nominal current: 12 A,
rated voltage (III/2): 320 V, contact surface: Au, contact connection type: Pin, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: DFK-MSTB 2,5/..-G, pitch: 5.08 mm, connection method: Solder/Slip-on connection,
mounting: Direct mounting, pin layout: Linear pinning, solder pin [P]: 9.3 mm, number of solder
pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern alignment:
Standard, locking: without, mounting method: without, type of packaging: packed in cardboard




Similar Part No. - 1958245

ManufacturerPart #DatasheetDescription
logo
Lapp.
19582000 LAPP-19582000 Datasheet
127Kb / 2P
EPIC® H-A 32 TG
29.08.2022
logo
Weidmuller
1958230000 WEIDMULLER-1958230000 Datasheet
400Kb / 6P
BLZP 5.00HC/08/90 SN OR BX
1958230000 WEIDMULLER-1958230000 Datasheet
79Kb / 4P
BLZP 5.00/07/90 SN BK BX
1958230000 WEIDMULLER-1958230000 Datasheet
79Kb / 4P
BLZP 5.00/11/90 SN BK BX
1958250000 WEIDMULLER-1958250000 Datasheet
79Kb / 4P
BLZP 5.00/07/90 SN BK BX
More results


Similar Description - 1958245

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0707976 PHOENIX-0707976 Datasheet
64Kb / 4P
Feed-through header - DFK-MSTB 2,5/12-G-5,08 WW(1X1)
1759101 PHOENIX-1759101 Datasheet
422Kb / 18P
Feed-through header - MSTB 2,5/11-G-5,08
1849037 PHOENIX-1849037 Datasheet
125Kb / 5P
MSTB 2,5/ 5-ST-5,08 ABGY AU
1710805 PHOENIX-1710805 Datasheet
73Kb / 3P
Feed-through header - MSTB 2,5/15-G-5,08 AU
1849024 PHOENIX-1849024 Datasheet
222Kb / 10P
Feed-through header - MSTBA 2,5/ 5-G-5,08 ABGY AU
1098052 PHOENIX-1098052 Datasheet
830Kb / 25P
Feed-through plug - DFK-MSTB 2,5/ 4-STF-5,08-LR
May 10, 2022
1898949 PHOENIX-1898949 Datasheet
711Kb / 20P
Feed-through header - DFK-MSTBA 2,5/13-G-5,08
Jan 10, 2023
1899210 PHOENIX-1899210 Datasheet
666Kb / 20P
Feed-through header - DFK-MSTBVA 2,5/10-G-5,08
Jan 10, 2023
1898965 PHOENIX-1898965 Datasheet
607Kb / 20P
DFK-MSTBA 2,5/15-G-5,08 - Feed-through header
1899236 PHOENIX-1899236 Datasheet
564Kb / 18P
DFK-MSTBVA 2,5/12-G-5,08 - Feed-through header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com