Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1715 Datasheet (PDF) - Maxim Integrated Products

MAX1715 Datasheet PDF - Maxim Integrated Products
Part # MAX1715_V01
Download  MAX1715 Download
File Size   291.13 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ltra-High Efficiency, Dual Step-Down Controller for Notebook Computers

MAX1715 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1715 Datasheet PDF - Maxim Integrated Products

Part # MAX1715_V01
Download  MAX1715 Click to download

File Size   291.13 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description ltra-High Efficiency, Dual Step-Down Controller for Notebook Computers

MAX1715 Datasheet (HTML) - Maxim Integrated Products


MAX1715 Product details

General Description
The MAX1715 PWM controller provides the high efficiency, excellent transient response, and high DC output accuracy needed for stepping down high-voltage
batteries to generate low-voltage CPU core, I/O, and
chipset RAM supplies in notebook computers.
Maxim’s proprietary Quick-PWM™ quick-response,
constant-on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides
100ns “instant-on” response to load transients while
maintaining a relatively constant switching frequency.
The MAX1715 achieves high efficiency at a reduced
cost by eliminating the current-sense resistor found in
traditional current-mode PWMs. Efficiency is further
enhanced by its ability to drive very large synchronousrectifier MOSFETs.
Single-stage buck conversion allows this device to
directly step down high-voltage batteries for the highest
possible efficiency. Alternatively, two-stage conversion
(stepping down the +5V system supply instead of the
battery) at a higher switching frequency allows the minimum possible physical size.
The MAX1715 is intended for CPU core, chipset,
DRAM, or other low-voltage supplies as low as 1V. The
MAX1715 is available in a 28-pin QSOP package. For
applications requiring VID compliance or DAC control
of output voltage, refer to the MAX1710/MAX1711 data
sheet. For a single-output version, refer to the MAX1714
data sheet.

Features
♦ Ultra-High Efficiency
♦ No Current-Sense Resistor (lossless ILIMIT)
♦ Quick-PWM with 100ns Load-Step Response
♦ 1% VOUT Accuracy over Line and Load
♦ Dual-Mode Fixed 1.8V/3.3V/Adj or 2.5V/Adj Outputs
♦ Adjustable 1V to 5.5V Output Range
♦ 2V to 28V Battery Input Range
♦ 200/300/420/540kHz Nominal Switching Frequency
♦ Over/Undervoltage Protection
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous-Rectifier FETs
♦ Power-Good Indicator




Similar Part No. - MAX1715_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715EEI MAXIM-MAX1715EEI Datasheet
308Kb / 28P
Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
More results


Similar Description - MAX1715_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Richtek Technology Corp...
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8223A RICHTEK-RT8223A Datasheet
369Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computers
April 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
High Efficiency, Main Power Supply Controller for Notebook Computers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com